Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412 Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices DAC8412 Datasheet HTML 11Page - Analog Devices DAC8412 Datasheet HTML 12Page - Analog Devices DAC8412 Datasheet HTML 13Page - Analog Devices DAC8412 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DAC8412/DAC8413
–12–
REV. D
Careful attention to grounding is important to accurate opera-
tion of the DAC8412. This is not because the DAC8412 is
more sensitive than other 12-bit DACs, but because with four
outputs and two references there is greater potential for ground
loops. Since the DAC8412 has no analog ground, the ground
must be specified with respect to the reference.
Reference Configurations
Output voltage ranges can be configured as either unipolar or
bipolar, and within these choices a wide variety of options exists.
The unipolar configuration can be either positive or negative
voltage output, and the bipolar configuration can be either sym-
metrical or nonsymmetrical.
OP-400
REF10
+15V
INPUT
OUTPUT
TRIM
10k
VREFH
0.2 F
VREFL
+10V OPERATION
+
+15V
DAC8412
OR
DAC8413
VSS
0.1 F
//10 F
OP400
VDD
–15V
Figure 36. Unipolar +10 V Operation
DAC A
DAC B
DAC C
DAC D
OUTPUT
REGISTER
WRDB0
WRDB1
WRDB2
WRDB3
WRDB4
WRDB5
WRDB6
WRDB7
WRDB8
WRDB9
WRDB10
RDDACB
INPUT
REGISTER
RDDACA
WRDACA
WRDACB
RDDACC
WRDACC
RDDACD
WRDACD
WRDB11
READBACKDATAIN_DB10
READOUT
READOUTBAR
READBACKDATAIN_DB11
READBACK
DATAOUT_DB11
VLOGIC
DB11..DB0
R/
W
A1
A0
CS
VREFH
VDD
VSS
VOUTA
VOUTB
VOUTC
VOUTD
VREFL
LDAC
RESET
DGND
Figure 35. Simplified I/O Logic Diagram
+15V
1 F
0.2 F
AD688 FOR
10V
AD588 FOR
5V
39k
6.2
6.2
BALANCE
100k
GAIN
100k
0.2 F
0.1 F
//10 F
DAC8412
OR
DAC8413
VREFH
VREFL
VDD
VSS
+15V
–15V
5 OR
10V OPERATION
Figure 37. Symmetrical Bipolar Operation
Figure 37 (Symmetrical Bipolar Operation) shows the DAC8412
configured for
± 10 V operation. Note: See the AD688 data
sheet for a full explanation of reference operation. Adjustments may
not be required for many applications since the AD688 is a very
high accuracy reference. However if additional adjustments are
required, adjust the DAC8412 full scale first. Begin by loading
the digital full-scale code (FFFH), and then adjust the Gain
Adjust potentiometer to attain a DAC output voltage of 9.9976 V.
Then, adjust the Balance Adjust to set the center scale output
voltage to 0.000 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com