Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412 Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices DAC8412 Datasheet HTML 11Page - Analog Devices DAC8412 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DAC8412/DAC8413
–8–
REV. D
DIGITAL INPUT CODE – Decimal
0.37500
0.08375
0
4096
512
1024
1536
2048
2560
3072
3584
0.26125
–0.09375
–0.18750
–0.23125
–0.37500
0.18750
0
VREFH = +10V
VREFL = 0V
TA = +25 C
Figure 15. Channel-to-Channel Matching
(VSUPPLY =
±15 V)
DIGITAL INPUT CODE – Decimal
1.00
0.25
0
4096
512
1024
1536
2048
2560
3072
3584
0.75
–0.25
–0.50
–0.75
–1.00
0.50
0
VDD = +5.0V
VSS = 0V
VREFH = +2.5V
TA = +25 C
Figure 16. Channel-to-Channel Matching
(VSUPPLY = +5 V/GND)
VREFH – Volts
13
10
4
–713
–3
159
7
VDD = +15V
VSS = –15V
VREFL = –10V
Figure 17. IDD vs. VREFH All DACs High
DIGITAL INPUT CODE – Decimal
0.500
0.125
0
4096
512
1024
1536
2048
2560
3072
3584
0.375
–0.125
–0.250
–0.375
–0.500
0.250
0
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = –55 C, +25 C, +125 C
Figure 18. INL vs. Code
DIGITAL INPUT CODE – Decimal
2.0
0.5
0
4095
511
1023
1535
2047
2559
3071
3583
1.5
–0.5
1.0
0
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
Figure 19. IVREFH vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com