Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 4 Page - Analog Devices

  DAC8412 Datasheet HTML 1Page - Analog Devices DAC8412 Datasheet HTML 2Page - Analog Devices DAC8412 Datasheet HTML 3Page - Analog Devices DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DAC8412/DAC8413
–4–
REV. D
CS
R/
W
A0/A1
DATA
OUT
DATA VALID
tDZ
HI-Z
HI -Z
tRCS
tRDS
tRDH
tAS
tAH
tCSD
Figure 2. Data Output (Read Timing)
CS
R/
W
A0/A1
DATA IN
tWCS
RESET
tWS
tWH
tAH
tAS
tLS
tWDS
tWDH
tLDW
tRESET
LDAC
tLH
Figure 3. Data WRITE (Input and Output Registers) Timing
CS
R/
W
ADDRESS
LDAC
DATA IN
80ns
tWS
tAS
tLS
tWDS
DATA1
VALID
DATA2
VALID
DATA3
VALID
DATA4
VALID
tWDH
tLH
tWH
ADDRESS
ONE
ADDRESS
TWO
ADDRESS
THREE
ADDRESS
FOUR
Figure 4. Single Buffer Mode
CS
R/
W
ADDRESS
LDAC
DATA IN
80ns
tWS
tAS
tLS
tWDS
DATA1
VALID
DATA2
VALID
DATA3
VALID
DATA4
VALID
tWDH
tLH
tWH
ADDRESS
ONE
ADDRESS
TWO
ADDRESS
THREE
ADDRESS
FOUR
tLDW
Figure 5. Double Buffer Mode
C1
C1
D1
C2
C1
D1
D1
R2
R1
R2
N/C
N/C C2
C2
R3
R3
N/C
N/C
C2
VDD
VREFH
VREFL
+
+
+
R4
R4
R6
R1
DGND
VSS
D1
C1
+
VREFH
VOUTB
VOUTA
VSS
DGND
RESET
LDAC
VREFL
VOUTC
VOUTD
VDD
VLOGIC
CS
A0
A1
R/
W
DB11
DB10
DB9
DB8
DB7
DB0
DB1
DB2
DB3
DB4
DB5
DB6
*
VDD = +15V, VSS = –15V, VREFH = +10V, VREFL = 0V
R1 = 10 , R2 = 100 , R3 = 5k , R4 = 10k , R5 = 100k ,
R6 = 47
FOR LCC, R6 = 100
FOR DIP
C1 = 4.7 F (ONCE PER PORT), C2 = 0.01 F (EACH DEVICE)
D1 = 1N4001 OR EQUIVALENT (ONCE PER PORT)
ONCE PER PORT
R5
R3
Figure 6. Burn-In Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com