Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412 Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices DAC8412 Datasheet HTML 11Page - Analog Devices DAC8412 Datasheet HTML 12Page - Analog Devices DAC8412 Datasheet HTML 13Page - Analog Devices DAC8412 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DAC8412/DAC8413
–10–
REV. D
10000
1
1000
100
10
10.0
NOISE FREQUENCY – Hz
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
0.10
0.001
1.00
0.01
Figure 29. DAC8412 Noise
Frequency vs. Noise Density
0
0
25
–20
–30
–25 –20
0
–10
10
20
30
20
15
10
5
0
–5
–10
–15
VOUT – Volts
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
DATA = 000H
+ISC
–ISC
Figure 30. IOUT vs. VOUT
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
CH1 MEAN
66.19 V
M 200 s
A CH1
12.9mV
20uV/DIV
1
Figure 31. Broadband Noise
OPERATION
Introduction
The DAC8412 and DAC8413 are quad, voltage output, 12-bit
parallel input DACs featuring a 12-bit data bus with readback
capability. The only differences between the DAC8412 and
DAC8413 are the reset functions. The DAC8412 resets to mid-
scale (code 800H) and the DAC8413 resets to minimum scale
(code 000H).
The ability to operate from a single +5 V supply is a unique fea-
ture of these DACs.
Operation of the DAC8412 and DAC8413 can be viewed by
dividing the system into three separate functional groups: the
digital I/O and logic, the digital to analog converters and the output
amplifiers.
DACs
Each DAC is a voltage switched, high impedance (R = 50 k
Ω),
R-2R ladder configuration. Each 2R resistor is driven by a pair of
switches that connect the resistor to either VREFH or VREFL.
Glitch
Worst-case glitch occurs at the transition between half-scale
digital code 1000 0000 0000 to half-scale minus 1 LSB, 0111
1111 1111. It can be measured at about 2 V
µs. (See Figure 33.)
For demanding applications such as waveform generation or
precision instrumentation control, a deglitcher circuit can be
implemented with a standard sample-and-hold circuit. (See
Figure 34.) When
CS is enabled by synchronizing the hold
period to be longer than the glitch tradition, the output voltage
can be smoothed with minimum disturbance. A quad sample-
and-hold amplifier, SMP04, has been used to illustrate the
deglitching result. (See Figure 33.)
HS
H
S
S/H
CS
DACOUT'
DACOUT
DACOUT
DACOUT'
S/H
Figure 34. Deglitcher Circuit
–ISC
6
–6
5
25
VOUT – Volts
VDD = +15V
VSS = 0V
VREFH = +10V
VREFL = 0V
TA = +25 C
DATA = 800H
15
–5
–15
–25
20
10
0
–10
–20
–4
–20
2
4
+ISC
Figure 32. IOUT vs. VOUT
4 s
1V
1V
GLITCH AT DAC OUTPUT
DEGLITCHER OUTPUT
CH2
1.86V
2
1
10 s
Figure 33. Glitch and Deglitched Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com