Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412 Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices DAC8412 Datasheet HTML 11Page - Analog Devices DAC8412 Datasheet HTML 12Page - Analog Devices DAC8412 Datasheet HTML 13Page - Analog Devices DAC8412 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DAC8412/DAC8413
–11–
REV. D
Table I. DAC8412/DAC8413 Logic Table
A1
A0
R/
W
CS
RS
LDAC
INPUT REG
OUTPUT REG
MODE
DAC
L
L
L
L
H
L
WRITE
WRITE
Transparent
A
L
H
L
L
H
L
WRITE
WRITE
Transparent
B
H
L
L
L
H
L
WRITE
WRITE
Transparent
C
H
H
L
L
H
L
WRITE
WRITE
Transparent
D
LL
LLH
H
WRITE
HOLD
WRITE INPUT
A
LH
LLH
H
WRITE
HOLD
WRITE INPUT
B
H
L
L
L
H
H
WRITE
HOLD
WRITE INPUT
C
H
H
L
L
H
H
WRITE
HOLD
WRITE INPUT
D
L
L
H
L
H
H
READ
HOLD
READ INPUT
A
L
H
H
L
H
H
READ
HOLD
READ INPUT
B
H
L
H
L
H
H
READ
HOLD
READ INPUT
C
H
H
H
L
H
H
READ
HOLD
READ INPUT
D
X
X
X
H
H
L
HOLD
Update all output registers
All
X
X
X
H
H
H
HOLD
HOLD
HOLD
All
X
X
X
X
L
X
*All registers reset to mid/zero-scale
All
XX
XH
g
X
*All registers latched to mid/zero-scale
All
*DAC8412 resets to midscale, and DAC8413 resets to zero scale. L = Logic Low; H = Logic High; X - Don’t Care. Input and Output registers are transparent when
asserted.
The R/
W input, when enabled by CS, controls the writing to and
reading from the input register.
Coding
Both the DAC8412 and DAC8413 use binary coding. The out-
put voltage can be calculated by:
VV
VV
N
OUT
REFL
REF H
REFL
=+
×
(_
)
4096
where N is the digital code in decimal.
RESET
The
RESET function can be used either at power-up or at any
time during the DAC’s operation. The
RESET function is inde-
pendent of
CS. This pin is active LOW and sets the DAC output
registers to either center code for the DAC8412, or zero code
for the DAC8413. The reset to center code is most useful when
the DAC is configured for bipolar references and an output of
zero volts after reset is desired.
Supplies
Supplies required are VSS, VDD and VLOGIC. The VSS supply can
be set between –15 V and 0 V. VDD is the positive supply; its op-
erating range is between +5 V and +15 V.
VLOGIC is the digital output supply voltage for the readback
function. It is normally connected to +5 V. This pin is a logic
reference input only. It does not supply current to the device.
If you are not using the readback function, VLOGIC can be left open-
circuit. While VLOGIC does not supply current to the DAC8412,
it does supply currents to the digital outputs when readback
is used.
Amplifiers
Unlike many voltage output DACs, the DAC8412 features buff-
ered voltage outputs. Each output is capable of both sourcing
and sinking 5 mA at
±10 volts, eliminating the need for external
amplifiers when driving 500 pF or smaller capacitive load in
most applications. These amplifiers are short-circuit protected.
Reference Inputs
All four DACs share common reference high (VREFH) and refer-
ence low (VREFL) inputs. The voltages applied to these reference
inputs set the output high and low voltage limits of all four of
the DACs. Each reference input has voltage restrictions with
respect to the other reference and to the power supplies. The
VREFL can be set at any voltage between VSS and VREFH – 2.5 V,
and VREFH can be set to any value between +VDD – 2.5 V and
VREFL + 2.5 V. Note that because of these restrictions the
DAC8412 references cannot be inverted (i.e., VREFL cannot be
greater than VREFH).
It is important to note that the DAC8412’s VREFH input both
sinks and sources current. Also the input current of both VREFH
and VREFL are code dependent. Many references have limited
current sinking capability and must be buffered with an ampli-
fier to drive VREFH. The VREFL has no such special requirements.
It is recommended that the reference inputs be bypassed with
0.2
µF capacitors when operating with ±10 V references. This
limits the reference bandwidth.
Digital I/O
See Table I for digital control logic truth table. Digital I/O consists
of a 12-bit bidirectional data bus, two registers select inputs, A0
and A1, a R/
W input, a RESET input, a Chip Select (CS), and
a Load DAC (
LDAC) input. Control of the DACs and bus
direction is determined by these inputs as shown in Table I.
Digital data bits are labeled with the MSB defined as data bit
“11” and the LSB as data bit “0.” All digital pins are TTL/
CMOS compatible.
See Figure 35 for a simplified I/O logic diagram. The register
select inputs A0 and A1 select individual DAC registers “A”
(binary code 00) through “D” (binary code 11). Decoding of
the registers is enabled by the
CS input. When CS is high no
decoding takes place, and neither the writing nor the reading of
the input registers is enabled. The loading of the second bank of
registers is controlled by the asynchronous
LDAC input. By tak-
ing
LDAC low while CS is enabled, all output registers can be
updated simultaneously. Note that the tLDW required pulsewidth
for updating all DACs is a minimum of 170 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com