Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 6 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP12 Datasheet HTML 2Page - Analog Devices TMP12 Datasheet HTML 3Page - Analog Devices TMP12 Datasheet HTML 4Page - Analog Devices TMP12 Datasheet HTML 5Page - Analog Devices TMP12 Datasheet HTML 6Page - Analog Devices TMP12 Datasheet HTML 7Page - Analog Devices TMP12 Datasheet HTML 8Page - Analog Devices TMP12 Datasheet HTML 9Page - Analog Devices TMP12 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TMP12
REV. 0
–6–
TEMPERATURE –
°C
2.52
2.505
2.49
-75
175
-25
25
75
125
2.515
2.51
2.5
2.495
V
=
5V, NO LOAD, HEATER OFF
Figure 7. Reference Voltage vs. Temperature
TEMPERATURE –
°C
5
4
3
-75
175
-25
25
75
125
4.5
3.5
START-UP VOLTAGE DEFINED AS OUTPUT
READING BEING WITHIN
5
°C OF OUTPUT AT 5V
NO LOAD, HEATER OFF
Figure 8. Start-up Voltage vs. Temperature
TEMPERATURE –
°C
500
400
300
475
450
350
325
425
375
-75
175
-25
25
75
125
V
=
5V, NO LOAD, HEATER OFF
Figure 9. Supply Current vs. Temperature
TEMPERATURE –
°C
-50
-25
25
75
125
0
50
100
2
-3
1
-2
-4
-5
0
-1
3
4
5
6
-6
a. MAXIMUM LIMIT
c. MINIMUM LIMIT
b. ACCURACY ERROR
a
b
c
Figure 10. Accuracy Error vs. Temperature
SUPPLY VOLTAGE – V
400
0
350
200
150
100
50
300
250
450
500
08
1
23
4
5
67
Ta =
25
°C, NO LOAD, HEATER OFF
Figure 11. Supply Current vs. Supply Voltage
TEMPERATURE –
°C
0.4
0
-75
-25
25
75
125
175
0.2
0.1
0.3
0.5
V
=
4.5 TO
5.5V
NO LOAD, HEATER OFF
Figure 12. VPTAT Power Supply Rejection vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com