Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 2 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 2 Page - Analog Devices

  TMP12 Datasheet HTML 1Page - Analog Devices TMP12 Datasheet HTML 2Page - Analog Devices TMP12 Datasheet HTML 3Page - Analog Devices TMP12 Datasheet HTML 4Page - Analog Devices TMP12 Datasheet HTML 5Page - Analog Devices TMP12 Datasheet HTML 6Page - Analog Devices TMP12 Datasheet HTML 7Page - Analog Devices TMP12 Datasheet HTML 8Page - Analog Devices TMP12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ACCURACY
Accuracy (High, Low Setpoints)
TA =
25
°C
2
3
°C
Accuracy (High, Low Setpoints)
TA =
40
°C to 100°C
3
5
°C
Internal Scale Factor
TA =
40
°C to 100°C
4.9
5
5.1
mV/
°C
Power Supply Rejection Ratio
PSRR
4.5 V
≤ V
S
≤ 5.5 V
0.1
0.5
°C/V
Linearity
TA =
40
°C to 125°C
0.5
°C
Repeatability
TA =
40
°C to 125°C
0.3
°C
Long Term Stability
TA =
125
°C for 1 k Hrs
0.3
°C
SETPOINT INPUTS
Offset Voltage
VOS
0.25
mV
Output Voltage Drift
TCVOS
3
µV/°C
Input Bias Current
IB
25
100
nA
VREF OUTPUT
Output Voltage
VREF
TA =
25
°C, No Load
2.49
2.50
2.51
V
Output Voltage
VREF
TA =
40
°C to 100°C,
2.5
0.015
V
No Load
Output Drift
TCVREF
10
ppm/
°C
Output Current, Zero Hysteresis
IVREF
7
µA
Hysteresis Current Scale Factor
SFHYS
5
µA/°C
OPEN-COLLECTOR OUTPUTS
Output Low Voltage
VOL
I SINK = 1.6 mA
0.25
0.4
V
Output Low Voltage
VOL
I SINK = 20 mA
0.6
V
Output Leakage Current
IOH
VS = 12 V
1
100
µA
Fall Time
tHL
See Test Load
40
ns
HEATER
Resistance
RH
TA =
25
°C
97
100
103
Ω
Temperature Coefficient
TA =
40
°C to 125°C
100
ppm/
°C
Maximum Continuous Current
IH
See Note 1
60
mA
POWER SUPPLY
Supply Range
VS
4.5
5.5
V
Supply Current
ISY
Unloaded at
5 V
400
600
µA
ISY
Unloaded at
12 V
2
450
µA
NOTES
1Guaranteed but not tested.
2TMP12 is specified for operation from a 5 V supply. However, operation is allowed up to a 12 V supply, but not tested at 12 V. Maximum heater supply is 6 V.
Specifications subject to change without notice.
TMP12–SPECIFICATIONS
REV. 0
–2–
(VS =
5 V,
40
°C ≤ T
A
≤ 125°C unless otherwise noted.)
20pF
1k
Ω
TEST LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com