Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 9 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 9 Page - Analog Devices

Back Button TMP12 Datasheet HTML 5Page - Analog Devices TMP12 Datasheet HTML 6Page - Analog Devices TMP12 Datasheet HTML 7Page - Analog Devices TMP12 Datasheet HTML 8Page - Analog Devices TMP12 Datasheet HTML 9Page - Analog Devices TMP12 Datasheet HTML 10Page - Analog Devices TMP12 Datasheet HTML 11Page - Analog Devices TMP12 Datasheet HTML 12Page - Analog Devices TMP12 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TMP12
REV. 0
–9–
Measuring the TMP12 Internal Temperature
As previously mentioned, the TMP12’s VPTAT generator repre-
sents the chip temperature with a slope of 5 mV/K. In some cases,
selecting the setpoints is made easier if the TMP12’s internal
VPTAT voltage (and therefore the chip temperature) is known.
For example, the case temperature of a high power microprocessor
can be monitored with a thermistor, thermocouple, or other mea-
surement method. The case temperature can then be correlated
with the TMP12’s temperature to select the setpoints.
The TMP12’s VPTAT voltage is not available externally, so indi-
rect methods must be used. Since the VPTAT voltage is applied to
the internal comparators, measuring the voltage at which the digital
output changes state will reflect the VPTAT voltage.
A simple method of measuring the TMP12 VPTAT is shown in
Figure 20. To measure VPTAT, adjust potentiometer R1 until
the LED turns ON. The voltage at Pin 2 of the TMP12 will
then match the TMP12’s internal VPTAT.
VPTAT
TMP12
VREF
SET
HIGH
GND
V+
HEATER
1
2
3
4
5
6
7
8
200K
200K
+5V
NC
R1
+5V
R1
330
+5V
LED
OVER
UNDER
SET
LOW
Figure 20. Measuring VPTAT with a Potentiometer
The method described in Figure 20 can be automated by replac-
ing the discrete resistors with a digital potentiometer. The
improved circuit, shown in Figure 21, permits the VPTAT volt-
age to be monitored with a microprocessor or other digital
controller. The AD8402-100 provides two 100 k
Ω potentiom-
eters which are adjusted to 8-bit resolution via a 3-wire se-
rial interface. The controller simply sweeps the wiper of
potentiometer 1 from the A1 terminal to the B1 terminal
(digital value = 0), while monitoring the comparator output
at Pin 7 of the TMP12. When Pin 7 goes low, the voltage
at Pin 2 equals the VPTAT voltage. This Circuit sweeps
Pin 2's voltage from maximum to minimum, so that the
TMP12's setpoint hystersis will not affect the reading.
The circuit of Figure 21 provides approximately 1
°C of
resolution. The two potentiometers divide VREF by two,
and the 8-bit potentiometer further divides VREF by 256,
so the resolution is:
Resolution =
= 4.9 mV
VREF
2
2N
2.5 V
2
28
=
where VREF is the voltage reference output (Pin 1 of the
TMP12) and N is the resolution of the AD8402. Since the
VPTAT has a slope of 5 mV/K, the AD8402 provides 1
°C
of resolution. The adjustment range of this circuit extends
from VREF/2 (i.e. 1.25 V, or
23
°C) to VREF
1 LSB
(i.e. 2.5 V
4.9 mV, or 226
°C). The VPTAT is therefore:
VPTAT = 1.25 V + (Digital Count
4.9 mV)
where Digital Count is the value sent to the AD8402 which
caused the setpoint 1 output to go LOW.
A third way to measure the VPTAT voltage is to close a
feedback loop around one of the TMP12’s comparators.
This causes the comparator to oscillate, and in turn forces
the voltage at the comparator input to equal the VPTAT
voltage. Figure 22 is a typical circuit for this measurement.
An OP193 operational amplifier, operating as an integrator,
provides additional loop-gain to ensure that the TMP12
comparator will oscillate.
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
VPTAT
VREF
7
8
5
6
TMP12
SERIAL
DATA
INTERFACE
15
6
7
8
9
10
11
B2
2
A2
3
W2
4
W1
12
A1
13
B1
14
100
DGND
AGND
SDI
CLK
CS
AD8402–100
µC
INTERFACE
V
DD
RS
SHDN
OVER
+5V
+5V
NC
NC
Figure 21. Measuring VPTAT with a Digital Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com