Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 1 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 1 Page - Analog Devices

  TMP12 Datasheet HTML 1Page - Analog Devices TMP12 Datasheet HTML 2Page - Analog Devices TMP12 Datasheet HTML 3Page - Analog Devices TMP12 Datasheet HTML 4Page - Analog Devices TMP12 Datasheet HTML 5Page - Analog Devices TMP12 Datasheet HTML 6Page - Analog Devices TMP12 Datasheet HTML 7Page - Analog Devices TMP12 Datasheet HTML 8Page - Analog Devices TMP12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Airflow and Temperature Sensor
TMP12*
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Temperature Sensor Includes 100
Ω Heater
Heater Provides Power IC Emulation
Accuracy
3
°C typ. from 40°C to 100°C
Operation to
150
°C
5 mV/
°C Internal Scale-Factor
Resistor Programmable Temperature Setpoints
20 mA Open-Collector Setpoint Outputs
Programmable Thermal Hysteresis
Internal 2.5 V Reference
Single 5 V Operation
400
µA Quiescent Current (Heater OFF)
Minimal External Components
APPLICATIONS
System Airflow Sensor
Equipment Over-Temperature Sensor
Over-Temperature Protection
Power Supply Thermal Sensor
Low-Cost Fan Controller
GENERAL DESCRIPTION
The TMP12 is a silicon-based airflow and temperature sensor
designed to be placed in the same airstream as heat generating
components that require cooling. Fan cooling may be required
continuously, or during peak power demands, e.g. for a power
supply, and if the cooling systems fails, system reliability and/or
safety may be impaired. By monitoring temperature while emu-
lating a power IC, the TMP12 can provide a warning of cooling
system failure.
The TMP12 generates an internal voltage that is linearly pro-
portional to Celsius (Centigrade) temperature, nominally
5 mV/
°C. The linearized output is compared with voltages
from an external resistive divider connected to the TMP12’s
2.5 V precision reference. The divider sets up one or two refer-
ence voltages, as required by the user, providing one or two
temperature setpoints. Comparator outputs are open-collector
transistors able to sink over 20 mA. There is an on-board hys-
teresis generator provided to speed up the temperature-setpoint
output transitions, this also reduces erratic output transitions in
noisy environments. Hysteresis is programmed by the external
resistor chain and is determined by the total current drawn from
the 2.5 V reference. The TMP12 airflow sensor also incorpo-
rates a precision, low temperature coefficient 100
Ω heater
resistor that may be connected directly to an external 5 V sup-
ply. When the heater is activated it raises the die temperature in
the DIP package approximately 20
°C above ambient (in still
air). The purpose of the heater in the TMP12 is to emulate a
power IC, such as a regulator or Pentium CPU which has a high
internal dissipation.
When subjected to a fast airflow, the package and die tempera-
tures of the power device and the TMP12 (if located in the
same airstream) will be reduced by an amount proportional to
the rate of airflow. The internal temperature rise of the TMP12
may be reduced by placing a resistor in series with the heater, or
reducing the heater voltage.
The TMP12 is intended for single 5 V supply operation, but will
operate on a 12 V supply. The heater is designed to operate from
5 V only. Specified temperature range is from
40
°C to 125°C,
operation extends to
150
°C at 5 V with reduced accuracy.
The TMP12 is available in 8-pin plastic DIP and SO packages.
FUNCTIONAL BLOCK DIAGRAM
VREF
OVER
1k
Ω
+
-
V+
GND
SET
HIGH
HEATER
HYSTERESIS
VOLTAGE
WINDOW
COMPARATOR
CURRENT
MIRROR
HYSTERESIS
CURRENT
VOLTAGE
REFERENCE
AND
SENSOR
IHYS
+
-
UNDER
SET
LOW
100
Ω
PINOUTS
DIP And SO
TOP VIEW
(Not to Scale)
8
V+
1
VREF
7
OVER
2
SET HIGH
6
UNDER
SET LOW
3
5
HEATER
GND
4
*Protected by U.S. Patent No. 5,195,827.


Similar Part No. - TMP12

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-12 TRUMPOWER-TMP120-12 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-15 TRUMPOWER-TMP120-15 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-18 TRUMPOWER-TMP120-18 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-19 TRUMPOWER-TMP120-19 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP12

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
45170 EXTECH-45170 Datasheet
106Kb / 6P
4-in-1 Humidity, Temperature Airflow and Light Meter
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
MEMS Airflow Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A_10 Datasheet
568Kb / 6P
MEMS Airflow Sensor
logo
Honeywell Accelerometer...
AWM1100V HONEYWELL-ACC-AWM1100V Datasheet
58Kb / 1P
MASS AIRFLOW SENSOR
AWM1200V HONEYWELL-ACC-AWM1200V Datasheet
57Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Solid State E...
AWM5104VA HONEYWELL-AWM5104VA Datasheet
130Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1300V HONEYWELL-ACC-AWM1300V Datasheet
59Kb / 1P
MASS AIRFLOW SENSOR
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
MASS AIRFLOW SENSOR
logo
Analog Devices
TMP12 AD-TMP12_15 Datasheet
710Kb / 12P
Airflow and Temperature Sensor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com