Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 7 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP12 Datasheet HTML 3Page - Analog Devices TMP12 Datasheet HTML 4Page - Analog Devices TMP12 Datasheet HTML 5Page - Analog Devices TMP12 Datasheet HTML 6Page - Analog Devices TMP12 Datasheet HTML 7Page - Analog Devices TMP12 Datasheet HTML 8Page - Analog Devices TMP12 Datasheet HTML 9Page - Analog Devices TMP12 Datasheet HTML 10Page - Analog Devices TMP12 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TMP12
REV. 0
–7–
TEMPERATURE –
°C
36
20
-75
-25
25
75
125
175
28
24
32
40
VOL = 1V, V = 5V
22
38
34
30
26
Figure 13. Open-Collector Output Sink Current vs.
Temperature
TEMPERATURE –
°C
700
0
-75
175
-25
25
75
125
600
500
400
300
200
100
a. LOAD = 10mA
c. LOAD = 1mA
b. LOAD = 5mA
a
b
c
V
=
5V
Figure 14. Open-Collector Voltage vs. Temperature
APPLICATIONS INFORMATION
A typical application for the TMP12 is shown in Figure 15. The
TMP12 package is placed in the same cooling airflow as a
high-power dissipation IC. The TMP12’s internal resistor pro-
duces a temperature rise which is proportional to air flow, as
shown in Figure 16. Any interruption in the airflow will produce
an additional temperature rise. When the TMP12 chip tempera-
ture exceeds a user-defined setpoint limit, the system controller
can take corrective action, such as: reducing clock frequency,
shutting down unneeded peripherals, turning on additional fan
cooling, or shutting down the system.
POWER I.C.
PGA
PACKAGE
PGA
SOCKET
PC BOARD
AIR FLOW
TMP12
Figure 15. Typical Application
35
40
45
50
55
60
65
50
100
150
200
250
0
TMP12 P
D (mW)
a. TMP12 DIE TEMP NO AIR FLOW
c. LOW SET POINT
b. HIGH SET POINT
d. TMP12 DIE TEMP MAX AIR FLOW
e. SYSTEM AMBIENT TEMPERATURE
a
b
c
d
e
Figure 16. Choosing Temperature Setpoints
Temperature Hysteresis
The temperature hysteresis at each setpoint is the number
of degrees beyond the original setpoint temperature that
must be sensed by the TMP12 before the setpoint compar-
ator will be reset and the output disabled. Hysteresis
prevents “chatter” and “motorboating” in feedback control
systems. For monitoring temperature in computer systems,
hysteresis prevents multiple interrupts to the CPU which
can reduce system performance.
Figure 17 shows the TMP12’s hysteresis profile. The hyster-
esis is programmed, by the user, by setting a specific load
current on the reference voltage output VREF. This output
current, IREF, is also called the hysteresis current. IREF is mir-
rored internally by the TMP12, as shown in the functional
block diagram, and fed to a buffer with an analog switch.
LO
HI
OUTPUT
VOLTAGE
OVER, UNDER
TEMPERATURE
HYSTERESIS
LOW
HYSTERESIS HIGH =
HYSTERESIS LOW
TSETLOW
TSETHIGH
HYSTERESIS
HIGH
Figure 17. TMP12 Hysteresis Profile
After a temperature setpoint has been exceeded and a com-
parator tripped, the hysteresis buffer output is enabled. The
result is a current of the appropriate polarity which gener-
ates a hysteresis offset voltage across an internal 1 k
Ω
resistor at the comparator input. The comparator output
remains “on” until the voltage at the comparator input,
now equal to the temperature sensor voltage VPTAT
summed with the hysteresis effect, has returned to the pro-
grammed setpoint voltage. The comparator then returns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com