Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 3 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 3 Page - Analog Devices

  TMP12 Datasheet HTML 1Page - Analog Devices TMP12 Datasheet HTML 2Page - Analog Devices TMP12 Datasheet HTML 3Page - Analog Devices TMP12 Datasheet HTML 4Page - Analog Devices TMP12 Datasheet HTML 5Page - Analog Devices TMP12 Datasheet HTML 6Page - Analog Devices TMP12 Datasheet HTML 7Page - Analog Devices TMP12 Datasheet HTML 8Page - Analog Devices TMP12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the TMP12 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
TMP12
REV. 0
–3–
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ACCURACY
Accuracy (High, Low Setpoints)
TA =
25
°C
3
°C
Internal Scale Factor
TA =
25
°C
4.9
5
5.1
mV/
°C
SETPOINT INPUTS
Input Bias Current
IB
100
nA
VREF OUTPUT
Output Voltage
VREF
TA =
25
°C, No Load
2.49
2.51
V
OPEN-COLLECTOR OUTPUTS
Output Low Voltage
VOL
ISINK = 1.6 mA
0.4
V
Output Leakage Current
IOH
VS = 12 V
100
µA
HEATER
Resistance
RH
TA =
25
°C
97
100
103
POWER SUPPLY
Supply Range
VS
4.5
5.5
V
Supply Current
ISY
Unloaded at
5 V
600
µA
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
DICE CHARACTERISTICS
Die Size 0.078
0.071 inch, 5,538 sq. mils
(1.98
1.80 mm, 3.57 sq. mm)
Transistor Count: 105
WAFER TEST LIMITS (V
S =
5 V, GND = O V, TA =
25
°C, unless otherwise noted.)
1. VREF
2. SET HIGH INPUT
3. SET LOW INPUT
4. GND
5. HEATER
6. UNDER OUTPUT
7. OVER OUTPUT
8. V
For additional DICE ordering information, refer to databook.
8
3
7
5
4
1
2
WARNING!
ESD SENSITIVE DEVICE
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com