Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115F23I7N Datasheet(PDF) 18 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 14Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 15Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 16Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 17Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 18Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 19Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 20Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 21Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
1–18
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
Supported I/O
Standards
1.4 V PCML,
1.5 V PCML,
2.5 V PCML,
LVPECL, LVDS
Data rate (F324 and
smaller package)
—
600
—
2500
600
—
2500
600
—
2500
Mbps
Data rate (F484 and
larger package)
—
600
—
3125
600
—
3125
600
—
2500
Mbps
Absolute VMAX for a
receiver pin (3)
—
—
—
1.6
—
—
1.6
—
—
1.6
V
Operational VMAX for
a receiver pin
—
—
—
1.5
—
—
1.5
—
—
1.5
V
Absolute VMIN for a
receiver pin
—
–0.4
—
—
–0.4
—
—
–0.4
—
—
V
Peak-to-peak
differential input
voltage VID (diff p-p)
VICM = 0.82 V
setting, Data Rate
= 600 Mbps to
3.125 Gbps
0.1
—
2.7
0.1
—
2.7
0.1
—
2.7
V
VICM
VICM = 0.82 V
setting
—
820 ±
10%
——
820 ±
10%
——
820 ±
10%
—mV
Differential on-chip
termination resistors
100
 setting
—
100
—
—
100
—
—
100
—
150
 setting
—
150
—
—
150
—
—
150
—
Differential and
common mode
return loss
PIPE, Serial
Rapid I/O SR,
SATA, CPRI LV,
SDI, XAUI
Compliant
—
Programmable ppm
detector (4)
—
± 62.5, 100, 125, 200,
250, 300
ppm
Clock data recovery
(CDR) ppm
tolerance (without
spread-spectrum
clocking enabled)
——
—
±300 (5),
±350
(6), (7)
——
±300
(5),
±350
(6), (7)
——
±300
(5),
±350
(6), (7)
ppm
CDR ppm tolerance
(with synchronous
spread-spectrum
clocking enabled) (8)
——
—
350 to
–5350
(7), (9)
——
350 to
–5350
(7), (9)
——
350 to
–5350
(7), (9)
ppm
Run length
—
—
80
—
—
80
—
—
80
—
UI
Programmable
equalization
No Equalization
—
—
1.5
—
—
1.5
—
—
1.5
dB
Medium Low
—
—
4.5
—
—
4.5
—
—
4.5
dB
Medium High
—
—
5.5
—
—
5.5
—
—
5.5
dB
High
——
7
—
—
7
——
7
dB
Signal detect/loss
threshold
PIPE mode
65
—
175
65
—
175
65
—
175
mV
Table 1–21. Transceiver Specification for Cyclone IV GX Devices (Part 2 of 4)
Symbol/
Description
Conditions
C6
C7, I7
C8
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com