Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115F23I7N Datasheet(PDF) 24 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 24 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 20Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 21Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 22Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 23Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 24Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 25Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 26Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 27Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
1–24
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
PLL Specifications
Table 1–25 lists the PLL specifications for Cyclone IV devices when operating in the
commercial junction temperature range (0°C to 85°C), the industrial junction
temperature range (–40°C to 100°C), the extended industrial junction temperature
range (–40°C to 125°C), and the automotive junction temperature range (–40°C to
125°C). For more information about the PLL block, refer to “Glossary” on page 1–37.
EP4CE55
500
437.5
402
362
265
437.5
362
—
MHz
EP4CE75
500
437.5
402
362
265
437.5
362
—
MHz
EP4CE115
—
437.5
402
362
265
437.5
362
—
MHz
EP4CGX15
500
437.5
402
—
—
437.5
—
—
MHz
EP4CGX22
500
437.5
402
—
—
437.5
—
—
MHz
EP4CGX30
500
437.5
402
—
—
437.5
—
—
MHz
EP4CGX50
500
437.5
402
—
—
437.5
—
—
MHz
EP4CGX75
500
437.5
402
—
—
437.5
—
—
MHz
EP4CGX110
500
437.5
402
—
—
437.5
—
—
MHz
EP4CGX150
500
437.5
402
—
—
437.5
—
—
MHz
Note to Table 1–24:
(1) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades.
Table 1–24. Clock Tree Performance for Cyclone IV Devices (Part 2 of 2)
Device
Performance
Unit
C6
C7
C8
C8L (1)
C9L (1)
I7
I8L (1)
A7
Table 1–25. PLL Specifications for Cyclone IV Devices (1), (2) (Part 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
fIN (3)
Input clock frequency (–6, –7, –8 speed grades)
5
—
472.5
MHz
Input clock frequency (–8L speed grade)
5
—
362
MHz
Input clock frequency (–9L speed grade)
5
—
265
MHz
fINPFD
PFD input frequency
5
—
325
MHz
fVCO (4)
PLL internal VCO operating range
600
—
1300
MHz
fINDUTY
Input clock duty cycle
40
—
60
%
tINJITTER_CCJ (5)
Input clock cycle-to-cycle jitter
FREF  100 MHz
——
0.15
UI
FREF < 100 MHz
—
—
±750
ps
fOUT_EXT (external clock
output) (3)
PLL output frequency
—
—
472.5
MHz
fOUT (to global clock)
PLL output frequency (–6 speed grade)
—
—
472.5
MHz
PLL output frequency (–7 speed grade)
—
—
450
MHz
PLL output frequency (–8 speed grade)
—
—
402.5
MHz
PLL output frequency (–8L speed grade)
—
—
362
MHz
PLL output frequency (–9L speed grade)
—
—
265
MHz
tOUTDUTY
Duty cycle for external clock output (when set to 50%)
45
50
55
%
tLOCK
Time required to lock from end of device configuration
—
—
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com