Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115F23I7N Datasheet(PDF) 28 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 24Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 25Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 26Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 27Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 28Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 29Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 30Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 31Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
1–28
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
f For more information about the supported maximum clock rate, device and pin
planning, IP implementation, and device termination, refer to Section III: System
Performance Specifications of the External Memory Interfaces Handbook.
1 Actual achievable frequency depends on design- and system-specific factors. Perform
HSPICE/IBIS simulations based on your specific design and system setup to
determine the maximum achievable frequency in your system.
High-Speed I/O Specifications
Table 1–31 through Table 1–36 list the high-speed I/O timing for Cyclone IV devices.
For definitions of high-speed timing specifications, refer to “Glossary” on page 1–37.
Table 1–31. RSDS Transmitter Timing Specifications for Cyclone IV Devices (1), (2), (4) (Part 1 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Typ
Max Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fHSCLK
(input clock
frequency)
×10
5
—
180
5
—
155.5
5
—
155.5
5
—
155.5
5
—
132.5
MHz
×8
5
—
180
5
—
155.5
5
—
155.5
5
—
155.5
5
—
132.5
MHz
×7
5
—
180
5
—
155.5
5
—
155.5
5
—
155.5
5
—
132.5
MHz
×4
5
—
180
5
—
155.5
5
—
155.5
5
—
155.5
5
—
132.5
MHz
×2
5
—
180
5
—
155.5
5
—
155.5
5
—
155.5
5
—
132.5
MHz
×1
5
—
360
5
—
311
5
—
311
5
—
311
5
—
265
MHz
Device
operation in
Mbps
×10
100
—
360
100
—
311
100
—
311
100
—
311
100
—
265
Mbps
×8
80
—
360
80
—
311
80
—
311
80
—
311
80
—
265
Mbps
×7
70
—
360
70
—
311
70
—
311
70
—
311
70
—
265
Mbps
×4
40
—
360
40
—
311
40
—
311
40
—
311
40
—
265
Mbps
×2
20
—
360
20
—
311
20
—
311
20
—
311
20
—
265
Mbps
×1
10
—
360
10
—
311
10
—
311
10
—
311
10
—
265
Mbps
tDUTY
—
45
—
55
45
—
55
45
—
55
45
—
55
45
—
55
%
Transmitter
channel-to-
channel skew
(TCCS)
—
—
—
200
——
200
—
—
200
——
200
——200
ps
Output jitter
(peak to peak)
—
—
—
500
——
500
—
—
550
——
600
——700
ps
tRISE
20 – 80%,
CLOAD =
5pF
—
500
—
—
500
—
—
500
—
—
500
—
—
500
—
ps
tFALL
20 – 80%,
CLOAD =
5pF
—
500
—
—
500
—
—
500
—
—
500
—
—
500
—
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com