Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115F23I7N Datasheet(PDF) 19 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 19 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 15Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 16Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 17Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 18Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 19Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 20Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 21Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 22Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–19
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
tLTR (10)
——
—
75
—
—
75
—
—
75
µs
tLTR-LTD_Manual (11)
—
15—
—
15—
—
15—
—
µs
tLTD (12)
—
0
100
4000
0
100
4000
0
100
4000
ns
tLTD_Manual (13)
—
—
—
4000
—
—
4000
—
—
4000
ns
tLTD_Auto (14)
—
—
—
4000
—
—
4000
—
—
4000
ns
Receiver buffer and
CDR offset
cancellation time
(per channel)
—
—
—
17000
—
—
17000
—
—
17000
recon
fig_c
lk
cycles
Programmable DC
gain
DC Gain Setting =
0
—0
—
—
0
—
—0
—
dB
DC Gain Setting =
1
—3
—
—
3
—
—3
—
dB
DC Gain Setting =
2
—6
—
—
6
—
—6
—
dB
Transmitter
Supported I/O
Standards
1.5 V PCML
Data rate (F324 and
smaller package)
—
600
—
2500
600
—
2500
600
—
2500
Mbps
Data rate (F484 and
larger package)
—
600
—
3125
600
—
3125
600
—
2500
Mbps
VOCM
0.65 V setting
—
650
—
—
650
—
—
650
—
mV
Differential on-chip
termination resistors
100
 setting
—
100
—
—
100
—
—
100
—
150
 setting
—
150
—
—
150
—
—
150
—
Differential and
common mode
return loss
PIPE, CPRI LV,
Serial Rapid I/O
SR, SDI, XAUI,
SATA
Compliant
—
Rise time
—
50—
200
50—
200
50—
200
ps
Fall time
—
50—
200
50—
200
50—
200
ps
Intra-differential pair
skew
——
—
15
—
—
15
—
—
15
ps
Intra-transceiver
block skew
—
—
—
120
——120
——
120
ps
Table 1–21. Transceiver Specification for Cyclone IV GX Devices (Part 3 of 4)
Symbol/
Description
Conditions
C6
C7, I7
C8
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com