Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115F23I7N Datasheet(PDF) 34 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 34 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 30Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 31Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 32Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 33Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 34Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 35Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 36Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 37Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
1–34
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
IOE Programmable Delay
Table 1–40 and Table 1–41 list the IOE programmable delay for Cyclone IV E 1.0 V
core voltage devices.
Table 1–40. IOE Programmable Delay on Column Pins for Cyclone IV E 1.0 V Core Voltage Devices (1), (2)
Parameter
Paths Affected
Number
of
Setting
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
C8L
I8L
C8L
C9L
I8L
Input delay from pin to
internal cells
Pad to I/O
dataout to core
7
0
2.054
1.924
3.387
4.017
3.411
ns
Input delay from pin to
input register
Pad to I/O input
register
8
0
2.010
1.875
3.341
4.252
3.367
ns
Delay from output register
to output pin
I/O output
register to pad
2
0
0.641
0.631
1.111
1.377
1.124
ns
Input delay from
dual-purpose clock pin to
fan-out destinations
Pad to global
clock network
12
0
0.971
0.931
1.684
2.298
1.684
ns
Notes to Table 1–40:
(1) The incremental values for the settings are generally linear. For the exact values for each setting, use the latest version of the Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting 0 as available in the Quartus II software.
Table 1–41. IOE Programmable Delay on Row Pins for Cyclone IV E 1.0 V Core Voltage Devices (1), (2)
Parameter
Paths Affected
Number
of
Setting
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
C8L
I8L
C8L
C9L
I8L
Input delay from pin to
internal cells
Pad to I/O
dataout to core
7
0
2.057
1.921
3.389
4.146
3.412
ns
Input delay from pin to
input register
Pad to I/O input
register
8
0
2.059
1.919
3.420
4.374
3.441
ns
Delay from output register
to output pin
I/O output
register to pad
2
0
0.670
0.623
1.160
1.420
1.168
ns
Input delay from
dual-purpose clock pin to
fan-out destinations
Pad to global
clock network
12
0
0.960
0.919
1.656
2.258
1.656
ns
Notes to Table 1–41:
(1) The incremental values for the settings are generally linear. For the exact values for each setting, use the latest version of the Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting 0 as available in the Quartus II software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com