Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115F23I7N Datasheet(PDF) 35 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 35 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 31Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 32Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 33Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 34Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 35Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 36Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 37Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 38Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–35
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Table 1–42 and Table 1–43 list the IOE programmable delay for Cyclone IV E 1.2 V
core voltage devices.
Table 1–42. IOE Programmable Delay on Column Pins for Cyclone IV E 1.2 V Core Voltage Devices (1), (2)
Parameter
Paths
Affected
Number
of
Setting
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
C6
I7
A7
C6
C7
C8
I7
A7
Input delay from pin to
internal cells
Pad to I/O
dataout to
core
7
0
1.314
1.211 1.211 2.177 2.340 2.433 2.388 2.508
ns
Input delay from pin to
input register
Pad to I/O
input register
8
0
1.307
1.203 1.203
2.19
2.387 2.540 2.430 2.545
ns
Delay from output
register to output pin
I/O output
register to
pad
2
0
0.437
0.402 0.402 0.747 0.820 0.880 0.834 0.873
ns
Input delay from
dual-purpose clock pin
to fan-out destinations
Pad to global
clock
network
12
0
0.693
0.665 0.665 1.200 1.379 1.532 1.393 1.441
ns
Notes to Table 1–42:
(1) The incremental values for the settings are generally linear. For the exact values for each setting, use the latest version of the Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting 0 as available in the Quartus II software.
Table 1–43. IOE Programmable Delay on Row Pins for Cyclone IV E 1.2 V Core Voltage Devices (1), (2)
Parameter
Paths
Affected
Number
of
Setting
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
C6
I7
A7
C6
C7
C8
I7
A7
Input delay from pin to
internal cells
Pad to I/O
dataout to
core
7
0
1.314
1.209 1.209 2.201 2.386 2.510 2.429 2.548
ns
Input delay from pin to
input register
Pad to I/O
input register
8
0
1.312
1.207 1.207 2.202 2.402 2.558 2.447 2.557
ns
Delay from output
register to output pin
I/O output
register to
pad
2
0
0.458
0.419 0.419 0.783 0.861 0.924 0.875 0.915
ns
Input delay from
dual-purpose clock pin
to fan-out destinations
Pad to global
clock
network
12
0
0.686
0.657 0.657 1.185 1.360 1.506 1.376 1.422
ns
Notes to Table 1–43:
(1) The incremental values for the settings are generally linear. For the exact values for each setting, use the latest version of the Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting 0 as available in the Quartus II software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com