Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302L Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8302L
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302L Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8302L Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
2
Pin Configuration & Marking Information
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8302L
2.5W Filterless Class-D Mono Audio Amplifier
Pin Number
Pin name
Description
1
SD
Shutdown terminal,active low
2
NC
No connection
3
IN+
Positive differential input
4
IN-
Negative differential input
5
VO+
Positive BTL output
6
VDD
Analog power supply
7
GND
Ground
8
VO-
Negative BTL output
IN+
SD
VO-
VO+
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OSC
THERMAL
PROTECTION
SHORT
PROTECTION
GND
VDD
SHUTDOWN
IN-
11/2010 Rev 1.0
1
2
3
4
5
6
7
8
Top View
MSOP-8
X: Internal Code
Y: Year
W: Week
1
2
3
4
5
6
7
8
P8302L
XXXXYW
Top View
DFN3x3-8
SD
NC
IN+
IN-
VO-
GND
VDD
VO+
SD
NC
IN+
IN-
VO-
GND
VDD
VO+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com