Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302L Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8302L
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302L Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8302L Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Performance Characteristics
O
T =25 C, unless otherwise noted.
A
5
11/2010 Rev 1.0
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8302L
2.5W Filterless Class-D Mono Audio Amplifier
THD+N VS Output Power
R =8 , Gain=23dB, f=1kHz
L
Ω
THD+N VS Output Power
R =4 , Gain=23dB, f=1kHz
L
Ω
THD+N VS Frequency
R =8 , Cin=0.1μF, Gain=23dB, V =5V
L
DD
Ω
THD+N VS Frequency
R =8 , Cin=0.1μF, Gain=23dB, V =3.6V
L
DD
Ω
THD+N VS Frequency
R =4 , Cin=0.1μF, Gain=23dB, V =5V
L
DD
Ω
THD+N VS Frequency
R =4 , Cin=0.1μF, Gain=23dB, V =3.6V
L
DD
Ω
0.1
50
0.2
0.5
1
2
5
10
20
%
20m
3
50m
100
m
200
m
500
m
1
2
W
V
= 3 . 6 V
D D
V
= 4 . 2 V
D D
V
= 5 V
D D
0.02
10
0.05
0. 1
0. 2
0. 5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Po=200mW
Po=500mW
0.02
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0. 01
10
0. 02
0. 05
0. 1
0. 2
0. 5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.1
50
0.2
0.5
1
2
5
10
20
%
20m
3
50m
100
m
200
m
500
m
1
2
W
V
= 3 . 6 V
D D
V
= 4 . 2 V
D D
V
= 5 V
D D
Po=200mW
Po=500mW
Po=200mW
Po=500mW
Po=200mW
Po=500mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com