Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302L Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8302L
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302L Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8302L Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 9Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 10Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics
O
T =25 C, unless otherwise noted.
A
7
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8302L
2.5W Filterless Class-D Mono Audio Amplifier
60%
65%
70%
75%
80%
85%
90%
95%
0
500
1000
1500
2000
2500
3000
Output Pow er(m W)
Load=8ohm+33uH
Load=4ohm+33uH
60%
65%
70%
75%
80%
85%
90%
95%
0
500
1000
1500
2000
Output Pow er(m W)
Vin=5V
Vin=3.6V
Efficiency VS Output Power
V =5.0V
DD
R =8Ω+33μΗ
l
Efficiency VS Output Power
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
500
1000
1500
2000
Output Pow e r (W)
VDD=5V
VDD=3.6V
Power Dissipation VS. Output Power
Quiescent Current VS. Supply Voltage
No load
Frequency VS. Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
R =8Ω
l
0
50
100
150
200
250
300
350
2.5
3
3.5
4
4.5
5
5.5
Supply V oltage (V )
11/2010 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com