Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302L Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8302L
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302L Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8302L Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability. All voltages are with
respect to ground.
Supply Voltage at no Input Signal...................6.0V
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
Maximum Junction Temperature..................150
Input Voltage.............................-0.3V to V +0.3V
DD
300
,5sec
°C
°C
°C
°C
Power Analog Microelectronics, Inc
Recommended Operating Conditions
Supply voltage Range........................
Operation Temperature Range........
Junction Temperature Range.........-40
to 125
2.0V to 5.5V
-40
to 85
°C
°C
°C
°C
Thermal Information
www.poweranalog.com
PAM8302L
2.5W Filterless Class-D Mono Audio Amplifier
11/2010 Rev 1.0
Parameter
Package
Symbol
Maximum
Unit
MSOP-8
θJC
75
Thermal Resistance
(Junction to Case)
DFN3x3-8
θJC
20
MSOP-8
θJA
180
Thermal Resistance
(Junction to Ambient)
DFN3x3-8
θJA
50
°C/W
MSOP-8
PD
550
Internal Power Dissipation
@ TA=25°C
DFN3x3-8
PD
2000
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com