Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302L Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM8302L
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302L Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM8302L Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 9Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 10Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 11Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 12Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
11/2010 Rev 1.0
Power Analog Microelectronics, Inc
Outline Dimensions
www.poweranalog.com
PAM8302L
2.5W Filterless Class-D Mono Audio Amplifier
Millimeter
REF
Min
Max
A
--
1.10
A1
0.05
0.15
A2
0.78
0.94
b
0.22
0.38
c
0.08
0.23
D
2.90
3.10
E
2.90
3.10
E1
4.75
5.05
e
0.65BSC
L
0.40
0.70
MSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com