Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302L Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8302L
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302L Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8302L Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302L Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Key Features
General Description
Support 2.0V to 5.5V Supply Voltage Range
The PAM8302L is a 2.5W class-D mono audio
2.5W Output at 10% THD with a 4Ω Load
amplifier. Its low total harmonic distortion
and 5V Power Supply
(THD+N) offers high-quality sound reproduction.
Filterless, Low Quiescent Current and Low
EMI
The PAM8302L uses a filterless design that
High Efficiency up to 88%
avoids the use of low-pass filters. This new design
Superior Low Noise
allows the amplifier to directly drive a speaker,
Short Circuit Protection
making it cheap and compact. The new design
Thermal Shutdown
allows the amplifier to be more affordable and
Few External Components to Save Space
take less PCB area.
and Cost
The PAM8302L uses less power than Class-AB
MSOP-8 and DFN3x3 Packages Available
amplifiers. The use of this product can help
optimize battery life; it is ideal for portable
applications.
Applications
The PAM8302L is available in MSOP-8
and
n
PMP/MP4
DFN3x3-8 packages.
n
GPS
n
Portable Speakers
n
Walkie Talkie
n
Handsfree Phones/Speaker Phones
n
Cellular Phones
n
n
n
n
n
n
n
n
n
n
Pb-Free Package
1
www.poweranalog.com
11/2010 Rev 1.0
Typical Application
Power Analog Microelectronics, Inc
PAM8302L
2.5W Filterless Class-D Mono Audio Amplifier
OFF
ON
IN+
IN-
VO-
VO+
GND
VDD
SD
IN-
IN+
Ci
Ri
Ci
Ri
Differential
Input
PAM8302L
1µ F
1
3
4
6
8
5
7


Similar Part No. - PAM8302L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Power Analog Micoelectr...
PAM8302AADCR PAM-PAM8302AADCR Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
PAM8302AADCR PAM-PAM8302AADCR Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
More results

Similar Description - PAM8302L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com