Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 26Page - Microchip Technology PIC16F87_13 Datasheet HTML 27Page - Microchip Technology PIC16F87_13 Datasheet HTML 28Page - Microchip Technology PIC16F87_13 Datasheet HTML 29Page - Microchip Technology PIC16F87_13 Datasheet HTML 30Page - Microchip Technology PIC16F87_13 Datasheet HTML 31Page - Microchip Technology PIC16F87_13 Datasheet HTML 32Page - Microchip Technology PIC16F87_13 Datasheet HTML 33Page - Microchip Technology PIC16F87_13 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 230 page
background image
PIC16F87/88
DS30487D-page 30
 2002-2013 Microchip Technology Inc.
3.5
Reading Flash Program Memory
To read a program memory location, the user must
write two bytes of the address to the EEADR and
EEADRH registers, set the EEPGD control bit
(EECON1<7>)
and
then
set
control
bit
RD
(EECON1<0>). Once the read control bit is set, the
program memory Flash controller will use the second
instruction cycle to read the data. This causes the
second instruction immediately following the “BSF
EECON1,RD
” instruction to be ignored. The data is
available in the very next cycle in the EEDATA and
EEDATH registers; therefore, it can be read as two
bytes in the following instructions. EEDATA and EED-
ATH registers will hold this value until another read or
until it is written to by the user (during a write
operation).
EXAMPLE 3-3:
FLASH PROGRAM READ
3.6
Erasing Flash Program Memory
The minimum erase block is 32 words. Only through
the use of an external programmer, or through ICSP
control, can larger blocks of program memory be bulk
erased. Word erase in the Flash array is not supported.
When initiating an erase sequence from the micro-
controller itself, a block of 32 words of program memory
is erased. The Most Significant 11 bits of the
EEADRH:EEADR point to the block being erased.
EEADR< 4:0> are ignored.
The EECON1 register commands the erase operation.
The EEPGD bit must be set to point to the Flash
program memory. The WREN bit must be set to enable
write operations. The FREE bit is set to select an erase
operation.
For protection, the write initiate sequence for EECON2
must be used.
After the “BSF EECON1,WR” instruction, the processor
requires two cycles to setup the erase operation. The
user must place two NOP instructions after the WR bit is
set. The processor will halt internal operations for the
typical 2 ms, only during the cycle in which the erase
takes place. This is not Sleep mode, as the clocks and
peripherals will continue to run. After the erase cycle,
the processor will resume operation with the third
instruction after the EECON1 write instruction.
3.6.1
FLASH PROGRAM MEMORY
ERASE SEQUENCE
The sequence of events for erasing a block of internal
program memory location is:
1.
Load EEADRH:EEADR with address of row
being erased.
2.
Set EEPGD bit to point to program memory, set
WREN bit to enable writes and set FREE bit to
enable the erase.
3.
Disable interrupts.
4.
Write 55h to EECON2.
5.
Write AAh to EECON2.
6.
Set the WR bit. This will begin the row erase
cycle.
7.
The CPU will stall for duration of the erase.
BANKSEL EEADRH
; Select Bank of EEADRH
MOVF
ADDRH, W
;
MOVWF
EEADRH
; MS Byte of Program
; Address to read
MOVF
ADDRL, W
;
MOVWF
EEADR
; LS Byte of Program
; Address to read
BANKSEL EECON1
; Select Bank of EECON1
BSF
EECON1, EEPGD ; Point to PROGRAM
; memory
BSF
EECON1, RD
; EE Read
;
NOP
; Any instructions
; here are ignored as
NOP
; program memory is
; read in second cycle
; after BSF EECON1,RD
BANKSEL EEDATA
; Select Bank of EEDATA
MOVF
EEDATA, W
; DATAL = EEDATA
MOVWF
DATAL
;
MOVF
EEDATH, W
; DATAH = EEDATH
MOVWF
DATAH
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com