Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 45Page - Microchip Technology PIC16F87_13 Datasheet HTML 46Page - Microchip Technology PIC16F87_13 Datasheet HTML 47Page - Microchip Technology PIC16F87_13 Datasheet HTML 48Page - Microchip Technology PIC16F87_13 Datasheet HTML 49Page - Microchip Technology PIC16F87_13 Datasheet HTML 50Page - Microchip Technology PIC16F87_13 Datasheet HTML 51Page - Microchip Technology PIC16F87_13 Datasheet HTML 52Page - Microchip Technology PIC16F87_13 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 49
PIC16F87/88
TABLE 4-4:
CLOCK SWITCHING MODES
Current
System
Clock
SCS Bits <1:0>
Modified to:
Delay
OSTS
Bit
IOFS
Bit
T1RUN
Bit
New
System
Clock
Comments
LP, XT, HS,
T1OSC,
EC, RC
10
(INTRC)
FOSC<2:0> = LP,
XT or HS
8 Clocks of
INTRC
01(1)
0
INTRC
or
INTOSC
or
INTOSC
Postscaler
The internal RC oscillator
frequency is dependant upon
the IRCF bits.
LP, XT, HS,
INTRC,
EC, RC
01
(T1OSC)
FOSC<2:0> = LP,
XT or HS
8 Clocks of
T1OSC
0
N/A
1
T1OSC
T1OSCEN bit must be
enabled.
INTRC
T1OSC
00
FOSC<2:0> = EC
or
FOSC<2:0> = RC
8 Clocks of
EC
or
RC
1
N/A
0
EC
or
RC
INTRC
T1OSC
00
FOSC<2:0> = LP,
XT, HS
1024 Clocks
(OST)
+
8 Clocks of
LP, XT, HS
1
N/A
0
LP, XT, HS During the 1024 clocks,
program execution is clocked
from the secondary oscillator
until the primary oscillator
becomes stable.
LP, XT, HS
00
(Due to Reset)
LP, XT, HS
1024 Clocks
(OST)
1
N/A
0
LP, XT, HS When a Reset occurs, there is
no clock transition sequence.
Instruction execution and/or
peripheral operation is
suspended unless Two-Speed
Start-up mode is enabled, after
which the INTRC will act as the
system clock until the OST
timer has expired.
Note 1: If the new clock source is the INTOSC or INTOSC postscaler, then the IOFS bit will be set 4 ms (approx.)
after the clock change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com