Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 12Page - Microchip Technology PIC16F87_13 Datasheet HTML 13Page - Microchip Technology PIC16F87_13 Datasheet HTML 14Page - Microchip Technology PIC16F87_13 Datasheet HTML 15Page - Microchip Technology PIC16F87_13 Datasheet HTML 16Page - Microchip Technology PIC16F87_13 Datasheet HTML 17Page - Microchip Technology PIC16F87_13 Datasheet HTML 18Page - Microchip Technology PIC16F87_13 Datasheet HTML 19Page - Microchip Technology PIC16F87_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 230 page
background image
PIC16F87/88
DS30487D-page 16
 2002-2013 Microchip Technology Inc.
Bank 2
100h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26, 135
101h
TMR0
Timer0 Module Register
xxxx xxxx
69
102h(2)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
135
103h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
17
104h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
135
105h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
---0 1000
142
106h
PORTB
PORTB Data Latch when written; PORTB pins when read (PIC16F87)
PORTB Data Latch when written; PORTB pins when read (PIC16F88)
xxxx xxxx
00xx xxxx
58
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,2) PCLATH
—
—
—
Write Buffer for the Upper 5 bits of the Program Counter
---0 0000
135
10Bh(2)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
19, 69,
77
10Ch
EEDATA
EEPROM/Flash Data Register Low Byte
xxxx xxxx
34
10Dh
EEADR
EEPROM/Flash Address Register Low Byte
xxxx xxxx
34
10Eh
EEDATH
—
—
EEPROM/Flash Data Register High Byte
--xx xxxx
34
10Fh
EEADRH
—
—
—
—
EEPROM/Flash Address Register High Byte
---- xxxx
34
Bank 3
180h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
135
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
18, 69
182h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
135
183h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
17
184h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
135
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
58, 83
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,2) PCLATH
—
—
—
Write Buffer for the Upper 5 bits of the Program Counter
---0 0000
135
18Bh(2)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
19, 69,
77
18Ch
EECON1
EEPGD
—
—
FREE
WRERR
WREN
WR
RD
x--x x000
28, 34
18Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
34
18Eh
—
Reserved, maintain clear
0000 0000
—
18Fh
—
Reserved, maintain clear
0000 0000
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on
page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8>, whose
contents are transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
RA5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.
4:
PIC16F88 device only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com