Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 48Page - Microchip Technology PIC16F87_13 Datasheet HTML 49Page - Microchip Technology PIC16F87_13 Datasheet HTML 50Page - Microchip Technology PIC16F87_13 Datasheet HTML 51Page - Microchip Technology PIC16F87_13 Datasheet HTML 52Page - Microchip Technology PIC16F87_13 Datasheet HTML 53Page - Microchip Technology PIC16F87_13 Datasheet HTML 54Page - Microchip Technology PIC16F87_13 Datasheet HTML 55Page - Microchip Technology PIC16F87_13 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 230 page
background image
PIC16F87/88
DS30487D-page 52
 2002-2013 Microchip Technology Inc.
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
FIGURE 5-1:
BLOCK DIAGRAM OF RA0/AN0:RA1/AN1 PINS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx 0000
(1)
xxx0 0000(2)
uuuu 0000
(1)
uuu0 0000(2)
85h
TRISA
TRISA7 TRISA6 TRISA5(3) PORTA Data Direction Register
1111 1111
1111 1111
9Fh
ADCON1
ADFM
ADCS2
VCFG1
VCFG0
—
—
—
—
0000 ----
0000 ----
9Bh
ANSEL(4)
—
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
-111 1111
-111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note
1:
This value applies only to the PIC16F87.
2:
This value applies only to the PIC16F88.
3:
Pin 5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.
4:
PIC16F88 device only.
Data
Bus
Q
D
Q
CK
P
N
WR
PORTA
WR
TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
Analog
VSS
VDD
I/O pin
Q
D
Q
CK
Input Mode
D
Q
EN
To Comparator
TTL
Input Buffer
VDD
To A/D Module Channel Input (PIC16F88 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com