Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 3Page - Microchip Technology PIC16F87_13 Datasheet HTML 4Page - Microchip Technology PIC16F87_13 Datasheet HTML 5Page - Microchip Technology PIC16F87_13 Datasheet HTML 6Page - Microchip Technology PIC16F87_13 Datasheet HTML 7Page - Microchip Technology PIC16F87_13 Datasheet HTML 8Page - Microchip Technology PIC16F87_13 Datasheet HTML 9Page - Microchip Technology PIC16F87_13 Datasheet HTML 10Page - Microchip Technology PIC16F87_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 7
PIC16F87/88
FIGURE 1-2:
PIC16F88 DEVICE BLOCK DIAGRAM
Flash
Program
Memory
4K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
368 x 8
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKI
OSC2/CLKO
RA5/MCLR
VDD, VSS
8
8
Brown-out
Reset
Note
1:
Higher order bits are from the STATUS register.
2:
The CCP1 pin is determined by the CCPMX bit in Configuration Word 1 register.
8
3
Comparators
Timer0
Data EE
256 Bytes
Timer1
CCP1
Timer2
AUSART
PORTA
PORTB
RA4/AN4/T0CKI/C2OUT
RB0/INT/CCP1(2)
RA3/AN3/VREF+/C1OUT
RA2/AN2/CVREF/VREF-
RA1/AN1
RA0/AN0
RA5/MCLR/VPP
RA6/OSC2/CLKO
RB5/SS/TX/CK
RB4/SCK/SCL
RB3/PGM/CCP1(2)
RB2/SDO/RX/DT
RB1/SDI/SDA
RB6/AN5/PGC/T1OSO/T1CKI
RB7/AN6/PGD/T1OSI
RA7/OSC1/CLKI
10-bit A/D
SSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com