Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F87_13 Datasheet HTML 1Page - Microchip Technology PIC16F87_13 Datasheet HTML 2Page - Microchip Technology PIC16F87_13 Datasheet HTML 3Page - Microchip Technology PIC16F87_13 Datasheet HTML 4Page - Microchip Technology PIC16F87_13 Datasheet HTML 5Page - Microchip Technology PIC16F87_13 Datasheet HTML 6Page - Microchip Technology PIC16F87_13 Datasheet HTML 7Page - Microchip Technology PIC16F87_13 Datasheet HTML 8Page - Microchip Technology PIC16F87_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 1
PIC16F87/88
Low-Power Features:
• Power-Managed modes:
- Primary Run: RC oscillator, 76
A, 1 MHz, 2V
- RC_RUN: 7
A, 31.25 kHz, 2V
- SEC_RUN: 9
A, 32 kHz, 2V
- Sleep: 0.1
A, 2V
• Timer1 Oscillator: 1.8
A, 32 kHz, 2V
• Watchdog Timer: 2.2
A, 2V
• Two-Speed Oscillator Start-up
Oscillators:
• Three Crystal modes:
- LP, XT, HS: up to 20 MHz
• Two External RC modes
• One External Clock mode:
- ECIO: up to 20 MHz
• Internal oscillator block:
- 8 user selectable frequencies: 31 kHz,
125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz,
4MHz, 8MHz
Peripheral Features:
• Capture, Compare, PWM (CCP) module:
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• 10-bit, 7-channel Analog-to-Digital Converter
• Synchronous Serial Port (SSP) with SPI
(Master/Slave) and I2C™ (Slave)
• Addressable Universal Synchronous
Asynchronous Receiver Transmitter
(AUSART/SCI) with 9-bit address detection:
- RS-232 operation using internal oscillator
(no external crystal required)
• Dual Analog Comparator module:
- Programmable on-chip voltage reference
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs are externally accessible
Pin Diagram
Special Microcontroller Features:
• 100,000 erase/write cycles Enhanced Flash
program memory typical
• 1,000,000 typical erase/write cycles EEPROM
data memory typical
• EEPROM Data Retention: > 40 years
• In-Circuit Serial Programming™ (ICSP™)
via two pins
• Processor read/write access to program memory
• Low-Voltage Programming
• In-Circuit Debugging via two pins
• Extended Watchdog Timer (WDT):
- Programmable period from 1 ms to 268s
• Wide operating voltage range: 2.0V to 5.5V
RA1/AN1
RA0/AN0
RA7/OSC1/CLKI
RA6/OSC2/CLKO
VDD
RB7/AN6/PGD/
RB6/AN5/PGC/
RB5/SS/TX/CK
RB4/SCK/SCL
RA3/AN3/VREF+/
RA4/AN4/T0CKI/
RA5/MCLR/VPP
VSS
RB0/INT/CCP1(1)
RB1/SDI/SDA
RB2/SDO/RX/DT
RB3/PGM/CCP1(1)
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
T1OSI
T1OSO/T1CKI
C2OUT
C1OUT
VREF-
RA2/AN2/CVREF/
18-Pin PDIP, SOIC
Note 1:
The CCP1 pin is determined by the CCPMX bit in
Configuration Word 1 register.
Device
Program Memory
Data Memory
I/O
Pins
10-bit
A/D (ch)
CCP
(PWM)
AUSART Comparators
SSP
Timers
8/16-bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
PIC16F87
7168
4096
368
256
16
N/A
1
Y
2
Y
2/1
PIC16F88
7168
4096
368
256
16
1
1
Y
2
Y
2/1
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology


Similar Part No. - PIC16F87_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
Flash Memory Programming Specification
2002 - 2003
More results

Similar Description - PIC16F87_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F818 MICROCHIP-PIC16F818 Datasheet
3Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2004
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC16F1826 MICROCHIP-PIC16F1826_11 Datasheet
3Mb / 406P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F818 MICROCHIP-PIC16F818_13 Datasheet
2Mb / 178P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16F88-I-P MICROCHIP-PIC16F88-I-P Datasheet
4Mb / 230P
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12
PIC16F819-IP MICROCHIP-PIC16F819-IP Datasheet
3Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F1826-I MICROCHIP-PIC16F1826-I Datasheet
3Mb / 400P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F819T-E MICROCHIP-PIC16F819T-E Datasheet
1Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com