Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/ML Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC24F32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/ML Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC24F32KA302-I/ML Datasheet HTML 130Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 131Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 132Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 133Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 134Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 135Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 136Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 137Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 134
 2011-2013 Microchip Technology Inc.
10.5
Doze Mode
Generally, changing clock speed and invoking one of
the power-saving modes are the preferred strategies
for reducing power consumption. There may be circum-
stances, however, where this is not practical. For
example, it may be necessary for an application to
maintain uninterrupted synchronous communication,
even while it is doing nothing else. Reducing system
clock speed may introduce communication errors,
while using a power-saving mode may stop
communications completely.
Doze mode is a simple and effective alternative method
to reduce power consumption while the device is still
executing code. In this mode, the system clock
continues to operate from the same source and at the
same speed. Peripheral modules continue to be
clocked at the same speed, while the CPU clock speed
is reduced. Synchronization between the two clock
domains is maintained, allowing the peripherals to
access the SFRs while the CPU executes code at a
slower rate.
Doze mode is enabled by setting the DOZEN bit
(CLKDIV<11>). The ratio between peripheral and core
clock speed is determined by the DOZE<2:0> bits
(CLKDIV<14:12>).
There
are
eight
possible
configurations, from 1:1 to 1:128, with 1:1 being the
default.
It is also possible to use Doze mode to selectively reduce
power consumption in event driven applications. This
allows clock-sensitive functions, such as synchronous
communications, to continue without interruption. Mean-
while, the CPU Idles, waiting for something to invoke an
interrupt routine. Enabling the automatic return to
full-speed CPU operation on interrupts is enabled by
setting the ROI bit (CLKDIV<15>). By default, interrupt
events have no effect on Doze mode operation.
10.6
Selective Peripheral Module
Control
Idle and Doze modes allow users to substantially
reduce power consumption by slowing or stopping the
CPU clock. Even so, peripheral modules still remain
clocked, and thus, consume power. There may be
cases where the application needs what these modes
do not provide: the allocation of power resources to
CPU processing, with minimal power consumption
from the peripherals.
PIC24F devices address this requirement by allowing
peripheral modules to be selectively disabled, reducing
or eliminating their power consumption. This can be
done with two control bits:
• The Peripheral Enable bit, generically named,
“XXXEN”, located in the module’s main control
SFR.
• The Peripheral Module Disable (PMD) bit,
generically named, “XXXMD”, located in one of
the PMD Control registers.
Both bits have similar functions in enabling or disabling its
associated module. Setting the PMDx bits for a module
disables all clock sources to that module, reducing its
power consumption to an absolute minimum. In this
state, the control and status registers associated with the
peripheral will also be disabled, so writes to those
registers will have no effect, and read values will be
invalid. Many peripheral modules have a corresponding
PMDx bit.
In contrast, disabling a module by clearing its XXXEN
bit, disables its functionality, but leaves its registers
available to be read and written to. Power consumption
is reduced, but not by as much as the PMDx bits are
used. Most peripheral modules have an enable bit;
exceptions include capture, compare and RTCC.
To achieve more selective power savings, peripheral
modules can also be selectively disabled when the
device enters Idle mode. This is done through the control
bit of the generic name format, “XXXIDL”. By default, all
modules that can operate during Idle mode will do so.
Using the disable on Idle feature disables the module
while in Idle mode, allowing further reduction of power
consumption during Idle mode, enhancing power
savings for extremely critical power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com