Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 52Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 53Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 54Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 55Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 56Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 57Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 58Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
56/121
Doc ID 17659 Rev 8
Table 19.
Current consumption in Sleep mode
Symbol Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C 105 °C
IDD
(Sleep)
Supply
current in
Sleep
mode,
code
executed
from RAM,
Flash
switched
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
80
140
140
140
µA
2 MHz
150
210
210
210
4 MHz
280
330
330
330(3)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
280
400
400
400
8 MHz
450
550
550
550
16 MHz
900
1050
1050
1050
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
550
650
650
650
16 MHz
1050
1200
1200
1200
32 MHz
2300
2500
2500
2500
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
1000
1100
1100
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
2300
2500
2500
2500
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
30
50
50
60
MSI clock, 524 kHz
524 kHz
50
70
70
80
MSI clock, 4.2 MHz
4.2 MHz
200
240
240
250
Supply
current in
Sleep
mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
80
140
140
140
µA
2 MHz
150
210
210
210
4 MHz
290
350
350
350
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
300
400
400
400
8 MHz
500
600
600
600
16 MHz
1000
1100
1100
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
550
650
650
650
16 MHz
1050
1200
1200
1200
32 MHz
2300
2500
2500
2500
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
1000
1100
1100
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
2300
2500
2500
2500
IDD
(Sleep)
Supply
current in
Sleep
mode,
code
executed
from Flash
MSI clock, 65 kHz
Range 3,
VCORE=1.2V
VOS[1:0] = 11
65 kHz
40
70
70
80
µA
MSI clock, 524 kHz
524 kHz
60
90
90
100
MSI clock, 4.2 MHz
4.2 MHz
210
250
250
260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com