Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 4Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 5Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 6Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 7Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 8Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 9Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 10Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 11Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
Introduction
STM32L151x6/8/B, STM32L152x6/8/B
8/121
Doc ID 17659 Rev 8
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32L151xx and STM32L152xx ultra-low-power ARM Cortex™-based
microcontrollers product line.
The ultra-low-power STM32L15xxx family includes devices in 3 different package types:
from 48 pins to 100 pins. Depending on the device chosen, different sets of peripherals are
included, the description below gives an overview of the complete range of peripherals
proposed in this family.
These features make the ultra-low-power STM32L15xxx microcontroller family suitable for a
wide range of applications:
●
Medical and handheld equipment
●
Application control and user interface
●
PC peripherals, gaming, GPS and sport equipment
●
Alarm systems, Wired and wireless sensors, Video intercom
●
Utility metering
This STM32L151xx and STM32L152xx datasheet should be read in conjunction with the
STM32L1xxxx reference manual (RM0038).
The document "Getting started with STM32L1xxx hardware development" AN3216 gives a
hardware implementation overview. The both documents are available from the
STMicroelectronics website www.st.com.
For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337g.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com