Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 68Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 69Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 70Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 71Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 72Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 73Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 74Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 75Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
72/121
Doc ID 17659 Rev 8
Multi-speed internal (MSI) RC oscillator
Table 32.
MSI oscillator characteristics
Symbol
Parameter
Condition
Typ
Max
Unit
fMSI
Frequency after factory calibration, done at
VDD= 3.3 V and TA = 25 °C
MSI range 0
65.5
kHz
MSI range 1
131
MSI range 2
262
MSI range 3
524
MSI range 4
1.05
MHz
MSI range 5
2.1
MSI range 6
4.2
ACCMSI
Frequency error after factory calibration
±0.5
%
DTEMP(MSI)
(1)
MSI oscillator frequency drift
0 °C
≤ TA ≤ 85 °C
±3%
DVOLT(MSI)
(1)
MSI oscillator frequency drift
1.65 V
≤ VDD ≤ 3.6 V, TA = 25 °C
2.5
%/V
IDD(MSI)
(2)
MSI oscillator power consumption
MSI range 0
0.75
µA
MSI range 1
1
MSI range 2
1.5
MSI range 3
2.5
MSI range 4
4.5
MSI range 5
8
MSI range 6
15
tSU(MSI)
MSI oscillator startup time
MSI range 0
30
µs
MSI range 1
20
MSI range 2
15
MSI range 3
10
MSI range 4
6
MSI range 5
5
MSI range 6,
Voltage range 1
and 2
3.5
MSI range 6,
Voltage range 3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com