Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 10Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 11Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 12Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 13Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 14Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 15Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 16Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 17Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
Functional overview
STM32L151x6/8/B, STM32L152x6/8/B
14/121
Doc ID 17659 Rev 8
Comparator 1 event or Comparator 2 event (if internal reference voltage is on). It can
also be wakened by the USB wakeup.
Stop mode consumption: refer to Table 22.
●
Standby mode with RTC
Standby mode is used to achieve the lowest power consumption and real time clock.
The internal voltage regulator is switched off so that the entire VCORE domain is
powered off. The PLL, MSI RC, HSI RC and HSE crystal oscillators are also switched
off. The LSE or LSI is still running. After entering Standby mode, the RAM and register
contents are lost except for registers in the Standby circuitry (wakeup logic, IWDG,
RTC, LSI, LSE Crystal 32K osc, RCC_CSR).
The device exits Standby mode in 60 µs when an external reset (NRST pin), an IWDG
reset, a rising edge on one of the three WKUP pins, RTC alarm (Alarm A or Alarm B),
RTC tamper event, RTC timestamp event or RTC Wakeup event occurs.
●
Standby mode without RTC
Standby mode is used to achieve the lowest power consumption. The internal voltage
regulator is switched off so that the entire VCORE domain is powered off. The PLL, MSI,
RC, HSI and LSI RC, HSE and LSE crystal oscillators are also switched off. After
entering Standby mode, the RAM and register contents are lost except for registers in
the Standby circuitry (wakeup logic, IWDG, RTC, LSI, LSE Crystal 32K osc,
RCC_CSR).
The device exits Standby mode in 60 µs when an external reset (NRST pin) or a rising
edge on one of the three WKUP pin occurs.
Standby mode consumption: refer to Table 23.
Note:
The RTC, the IWDG, and the corresponding clock sources are not stopped by entering the
Stop or Standby mode.
Table 3.
Functionalities depending on the operating power supply range
Functionalities depending on the operating power supply range
Operating power
supply range
DAC and ADC
operation
USB
Dynamic voltage
scaling range
I/O operation
VDD = 1.65 to 1.8 V
Not functional
Not functional
Range 2 or
range 3
Degraded speed
performance
VDD = 1.8 to 2.0 V
Conversion time
up to 500 Ksps
Not functional
Range 2 or
range 3
Degraded speed
performance
VDD = 2.0 to 2.4 V
Conversion time
up to 500 Ksps
Functional(1)
1.
Should be USB compliant from I/O voltage standpoint, the minimum VDD is 3.0 V.
Range 1, range 2
or range 3
Full speed operation
VDD = 2.4 to 3.6 V
Conversion time
up to 1 Msps
Functional(1)
Range 1, range 2
or range 3
Full speed operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com