Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 55Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 56Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 57Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 58Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 60Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 61Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
59/121
Table 22.
Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ(1)
Max
(1)(2)
Unit
IDD (Stop
with RTC)
Supply current in
Stop mode with
RTC enabled
RTC clocked by LSI,
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.2
2.75
µA
TA = -40°C to 25°C
1.4
4
TA = 55°C
2.6
6
TA= 85°C
4.8
10
TA = 105°C
10.2
23
LCD ON
(static
duty)(3)
TA = -40°C to 25°C
3.3
6
TA = 55°C
4.5
8
TA= 85°C
6.6
12
TA = 105°C
13.6
27
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C
7.7
10
TA = 55°C
8.6
12
TA= 85°C
10.7
16
TA = 105°C
19.8
40
RTC clocked by LSE
external clock (32.768
kHz), regulator in LP
mode, HSI and HSE
OFF (no independent
watchdog)
LCD OFF
TA = -40°C to 25°C
1.6
4
TA = 55°C
2.7
6
TA= 85°C
4.8
10
TA = 105°C
10.3
23
LCD ON
(static
duty)(3)
TA = -40°C to 25°C
3.6
6
TA = 55°C
4.6
8
TA= 85°C
6.7
12
TA = 105°C
10.9
23
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C
7.6
10
TA = 55°C
8.6
12
TA= 85°C
10.7
16
TA = 105°C
19.8
40
RTC clocked by LSE
(no independent
watchdog)(5)
LCD OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.45
TA = -40°C to 25°C
VDD = 3.0 V
1.9
TA = -40°C to 25°C
VDD = 3.6 V
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com