Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 63Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 64Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 65Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 66Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 67Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 68Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 69Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
66/121
Doc ID 17659 Rev 8
Low-speed external user clock generated from an external source
The characteristics given in the following table result from tests performed using a low-
speed external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 14.
Figure 14.
Low-speed external clock source AC timing diagram
Table 27.
Low-speed external user clock characteristics(1)
1.
Guaranteed by design, not tested in production
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User external clock source
frequency
1
32.768
1000
kHz
VLSEH
OSC32_IN input pin high level
voltage
0.7VDD
VDD
V
VLSEL
OSC32_IN input pin low level
voltage
VSS
0.3VDD
tw(LSE)
tw(LSE)
OSC32_IN high or low time
465
-
-
ns
tr(LSE)
tf(LSE)
OSC32_IN rise or fall time
-
-
10
CIN(LSE)
OSC32_IN input capacitance
-
0.6
-
pF
DuCy(LSE) Duty cycle
45
-
55
%
IL
OSC32_IN Input leakage current
VSS ≤ VIN ≤ VDD
--
±1
µA
ai18233
OSC32_IN
EXTER NAL
STM32Lxx
CLOCK SOURC E
VLSEH
tf(LSE)
tW(LSE)
IL
90%
10%
TLSE
t
tr(LSE)
tW(LSE)
fLSE_ext
VLSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com