Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3404MA/NOPB
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3404MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
DAP
LM3404, LM3404HV
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
Connection Diagrams
Figure 1. 8-Lead Plastic SOIC-8 Package
Figure 2. 8-Lead Plastic So PowerPAD-8 Package
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
SW
Switch pin
Connect this pin to the output inductor and Schottky diode.
2
BOOT
MOSFET drive bootstrap pin
Connect a 10 nF ceramic capacitor from this pin to SW.
3
DIM
Connect a logic-level PWM signal to this pin to enable/disable the power
Input for PWM dimming
MOSFET and reduce the average light output of the LED array.
4
GND
Ground pin
Connect this pin to system ground.
5
CS
Set the current through the LED array by connecting a resistor from this pin to
Current sense feedback pin
ground.
6
RON
On-time control pin
A resistor connected from this pin to VIN sets the regulator controlled on-time.
7
VCC
Output of the internal 7V linear
Bypass this pin to ground with a minimum 0.1 µF ceramic capacitor with X5R or
regulator
X7R dielectric.
8
VIN
Nominal operating input range for this pin is 6V to 42V (LM3404) or 6V to 75V
Input voltage pin
(LM3404HV).
DAP
GND
Thermal Pad
Connect to ground. Place 4-6 vias from DAP to bottom layer ground plane.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3404 LM3404HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com