Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3404MA/NOPB
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3404MA/NOPB Datasheet HTML 21Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 22Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 27Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 28Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
RSNS =
2
VIN - VO
0.2 x L
IF x L + VO x tSNS -
x tON
'iF
x rD
'iL - 'iF
ZC =
LM3404, LM3404HV
www.ti.com
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
The peak LED/inductor current is then estimated:
IL(PEAK) = IL + 0.5 x ΔiL(MAX)
(27)
IL(PEAK) = 0.7 + 0.5 x 0.330 = 866 mA
(28)
In the case of a short circuit across the LED array, the LM3404 will continue to deliver rated current through the
short but will reduce the output voltage to equal the CS pin voltage of 200 mV. The inductor ripple current and
peak current in this condition would be equal to:
ΔiL(LED-SHORT) = [(24 – 0.2) x 7.43 x 10
-7] / 38 x 10-6 = 465 mA
P-P
(29)
IL(PEAK) = 0.7 + 0.5 x 0.465 = 933 mA
(30)
In the case of a short at the switch node, the output, or from the CS pin to ground the short circuit current limit
will engage at a typical peak current of 1.5A. In order to prevent inductor saturation during these fault conditions
the inductor’s peak current rating must be above 1.5A. A 47 µH off-the shelf inductor rated to 1.4A (peak) and
1.5A (average) with a DCR of 0.1
Ω will be used.
USING AN OUTPUT CAPACITOR
This application does not require high frequency PWM dimming, allowing the use of an output capacitor to
reduce the size and cost of the output inductor. To select the proper output capacitor the equation from Buck
Regulators with Output Capacitors is re-arranged to yield the following:
(31)
The target tolerance for LED ripple current is 100 mAP-P, and a typical value for rD of 1.8Ω at 700 mA can be read
from the LED datasheet. The required capacitor impedance to reduce the worst-case inductor ripple current of
333 mAP-P is therefore:
ZC = [0.1 / (0.333 - 0.1] x 1.8 = 0.77Ω
(32)
A ceramic capacitor will be used and the required capacitance is selected based on the impedance at 400 kHz:
CO = 1/(2 x π x 0.77 x 4 x 10
5) = 0.51 µF
(33)
This calculation assumes that impedance due to the equivalent series resistance (ESR) and equivalent series
inductance (ESL) of CO is negligible. The closest 10% tolerance capacitor value is 1.0 µF. The capacitor used
should be rated to 25V or more and have an X7R dielectric. Several manufacturers produce ceramic capacitors
with these specifications in the 0805 case size. A typical value for ESR of 3 m
Ω can be read from the curve of
impedance vs. frequency in the product datasheet.
RSNS
A preliminary value for RSNS was determined in selecting ΔiL. This value should be re-evaluated based on the
calculations for
ΔiF:
(34)
tSNS = 220 ns, RSNS = 0.33Ω
(35)
Sub-1
Ω resistors are available in both 1% and 5% tolerance. A 1%, 0.33Ω device is the closest value, and a
0.33W, 1206 size device will handle the power dissipation of 162 mW. With the resistance selected, the average
value of LED current is re-calculated to ensure that current is within the ±5% tolerance requirement. From the
expression for average LED current:
IF = 0.2 / 0.33 - (7.1 x 2.2 x 10
-7) / 47 x 10-6 + 0.266 / 2
(36)
= 706 mA, 1% above 700 mA
(37)
INPUT CAPACITOR
Following the calculations from the Input Capacitor section,
ΔvIN(MAX) will be 24V x 2%P-P = 480 mV. The
minimum required capacitance is:
CIN(MIN) = (0.7 x 7.4 x 10
-7) / 0.48 = 1.1 µF
(38)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3404 LM3404HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com