Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404MA/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3404MA/NOPB
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404MA/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3404MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 27Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 28Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 29Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 30Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 31Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 32Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 33Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
+
-
LM3404, LM3404HV
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
Conduction loss, PC, in the internal MOSFET:
PC = (IF
2 x R
DSON) x D = (0.5
2 x 0.8) x 0.73 = 146 mW
(75)
Gate charging and VCC loss, PG, in the gate drive and linear regulator:
PG = (IIN-OP + fSW x QG) x VIN PG = (600 x 10
-6 + 2.23 x 105 x 6 x 10-9) x 48 = 94 mW
(76)
Switching loss, PS, in the internal MOSFET:
PS = 0.5 x VIN x IF x (tR + tF) x fSW PS = 0.5 x 48 x 0.5 x 40 x 10
-9 x 2.23 x 105 = 107 mW
(77)
AC rms current loss, PCIN, in the input capacitor:
PCIN = IIN(rms)
2 x ESR = 0.2222 0.003 = 0.1 mW (negligible)
(78)
DCR loss, PL, in the inductor
PL = IF
2 x DCR = 0.52 x 0.56 = 140 mW
(79)
Recirculating diode loss, PD = 47 mW
Current Sense Resistor Loss, PSNS = 110 mW
Electrical efficiency,
η = PO / (PO + Sum of all loss terms) = 17.6 / (17.6 + 0.644) = 96%
Temperature Rise in the LM3404HV IC is calculated as:
TLM3404 = (PC + PG + PS) x θJA = (0.146 + 0.094 + 0.107) x 155 = 54°C
(80)
Layout Considerations
The performance of any switching converter depends as much upon the layout of the PCB as the component
selection. The following guidelines will help the user design a circuit with maximum rejection of outside EMI and
minimum generation of unwanted EMI.
COMPACT LAYOUT
Parasitic inductance can be reduced by keeping the power path components close together and keeping the
area of the loops that high currents travel small. Short, thick traces or copper pours (shapes) are best. In
particular, the switch node (where L1, D1, and the SW pin connect) should be just large enough to connect all
three components without excessive heating from the current it carries. The LM3404/04HV operates in two
distinct cycles whose high current paths are shown in Figure 32:
Figure 32. Buck Converter Current Loops
The dark grey, inner loop represents the high current path during the MOSFET on-time. The light grey, outer loop
represents the high current path during the off-time.
GROUND PLANE AND SHAPE ROUTING
The diagram of Figure 32 is also useful for analyzing the flow of continuous current vs. the flow of pulsating
currents. The circuit paths with current flow during both the on-time and off-time are considered to be continuous
current, while those that carry current during the on-time or off-time only are pulsating currents. Preference in
routing should be given to the pulsating current paths, as these are the portions of the circuit most likely to emit
EMI. The ground plane of a PCB is a conductor and return path, and it is susceptible to noise injection just as
30
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3404 LM3404HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com