Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3404MA/NOPB
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3404MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM3404, LM3404HV
www.ti.com
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS(LM3404)
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Semiconductor Sales
Office/ Distributors for availability and specifications.
VALUE / UNIT
VIN to GND
–0.3 V to 45 V
BOOT to GND
–0.3 V to 59 V
SW to GND
–1.5 V to 45 V
BOOT to VCC
–0.3 V to 45 V
BOOT to SW
–0.3 V to 14 V
VCC to GND
–0.3 V to 14 V
DIM to GND
–0.3 V to 7 V
CS to GND
–0.3 V to 7 V
RON to GND
–0.3 V to 7 V
Junction Temperature
150°C
Storage Temp. Range
–65°C to 125°C
ESD Rating (2)
2 kV
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared/Convection Reflow (15sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see
Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS (LM3404)
(1)
VALUE / UNIT
VIN
6V to 42V
Junction Temperature Range
–40°C to +125°C
Thermal Resistance
θJA (SOIC-8 Package)
155°C/W
Thermal Resistance
θJA (So PowerPAD-8 Package)
(2)
50°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see
Electrical Characteristics.
(2)
θJA of 50°C/W with DAP soldered to a minimum of 2 square inches of 1oz. copper on the top or bottom PCB layer.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3404 LM3404HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com