Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3404MA/NOPB
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3404MA/NOPB Datasheet HTML 20Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 21Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 22Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 27Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
LMIN =
VIN - VO
'iL
x tON
RON =
VO
1.34 x 10
-10 x fSW
GND
DIM
BOOT
SW
CS
RON
LM3404
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN = 24V
IF = 700 mA
VCC
CO
LED1
LM3404, LM3404HV
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
Figure 30. Schematic for Design Example 1
RON and tON
A moderate switching frequency is needed in this application to balance the requirements of magnetics size and
efficiency. RON is selected from the equation for switching frequency as follows:
(17)
RON = 7.1 / (1.34 x 10
-10 x 4 x 105) = 132.5 kΩ
(18)
The closest 1% tolerance resistor is 133 k
Ω. The switching frequency and on-time of the circuit can then be
found using the equations relating RON and tON to fSW:
fSW = 7.1 / (1.33 x 10
5 x 1.34 x 10-10) = 398 kHz
(19)
tON = (1.34 x 10
-10 x 1.33 x 105) / 24 = 743 ns
(20)
OUTPUT INDUCTOR
Since an output capacitor will be used to filter some of the AC ripple current, the inductor ripple current can be
set higher than the LED ripple current. A value of 40%P-P is typical in many buck converters:
ΔiL = 0.4 x 0.7 = 0.28A
(21)
With the target ripple current determined the inductance can be chosen:
(22)
LMIN = [(24 – 7.1) x 7.43 x 10
-7] / (0.28) = 44.8 µH
(23)
The closest standard inductor value is 47 µH. The average current rating should be greater than 700 mA to
prevent overheating in the inductor. Separation between the LM3404 drivers and the LED arrays means that heat
from the inductor will not threaten the lifetime of the LEDs, but an overheated inductor could still cause the
LM3404 to enter thermal shutdown.
The inductance of the standard part chosen is ±20%. With this tolerance the typical, minimum, and maximum
inductor current ripples can be calculated:
ΔiL(TYP) = [(24 - 7.1) x 7.43 x 10
-7] / 47 x 10-6 = 266 mA
P-P
(24)
ΔiL(MIN) = [(24 - 7.1) x 7.43 x 10
-7] / 56 x 10-6 = 223 mA
P-P
(25)
ΔiL(MAX) = [(24 - 7.1) x 7.43 x 10
-7] / 38 x 10-6 = 330 mA
P-P
(26)
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3404 LM3404HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com