Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404MA/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM3404MA/NOPB
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404MA/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3404MA/NOPB Datasheet HTML 23Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 24Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 25Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 26Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 27Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 28Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 29Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 30Page - Texas Instruments LM3404MA/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
LMIN =
VIN - VO
'iL
x tON
RON =
VO
1.34 x 10
-10 x fSW
GND
BOOT
SW
CS
RON
LM3404HV
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN = 48V ±10%
IF = 0.5A
VCC
CO
LED1
LED10
LM3404, LM3404HV
www.ti.com
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
Design Example 2: LM3404HV
The second example circuit will guide the user through component selection for an outdoor general lighting
application. A regulated DC voltage input of 48V ±10% will power ten series-connected LEDs at 500 mA ±10%
with a ripple current of 50 mAP-P or less. The typical forward voltage of the LED module in thermal steady state is
35V, hence the average output voltage will be 35.2V. A complete bill of materials can be found in Table 2 at the
end of this datasheet.
Figure 31. Schematic for Design Example 2
RON and tON
A low switching frequency, 225 kHz, is needed in this application, as high efficiency and low power dissipation
take precedence over the solution size. RON is selected from the equation for switching frequency as follows:
(50)
RON = 35.2 / (1.34 x 10
-10 x 2.25 x 105) = 1.16 MΩ
(51)
The next highest 1% tolerance resistor is 1.18 M
Ω. The switching frequency and on-time of the circuit can then
be found using the equations relating RON and tON to fSW:
fSW = 35.2 / (1.18 x 10
6 x 1.34 x 10-10) = 223 kHz
(52)
tON = (1.34 x 10
-10 x 1.18 x 106) / 48 = 3.3 µs
(53)
OUTPUT INDUCTOR
Since an output capacitor will be used to filter some of the AC ripple current, the inductor ripple current can be
set higher than the LED ripple current. A value of 30%P-P makes a good trade-off between the current ripple and
the size of the inductor:
ΔiL = 0.3 x 0.5 = 0.15A
(54)
With the target ripple current determined the inductance can be chosen:
(55)
LMIN = [(48 – 35.2) x 3.3 x 10
-6] / (0.15) = 281 µH
(56)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3404 LM3404HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com