Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LME49720MA/NOPB Datasheet HTML 1Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 2Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 3Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 4Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 5Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 6Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 7Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 8Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LME49720
www.ti.com
SNAS393C – MARCH 2007 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Power Supply Voltage
(VS = V
+ - V-)
36V
Storage Temperature
−65°C to 150°C
Input Voltage
(V-) - 0.7V to (V+) + 0.7V
Output Short Circuit (4)
Continuous
Power Dissipation
Internally Limited
ESD Susceptibility (5)
2000V
ESD Susceptibility (6)
Pins 1, 4, 7 and 8
200V
Pins 2, 3, 5 and 6
100V
Junction Temperature
150°C
Thermal Resistance
θJA (SOIC)
145°C/W
θJA (PDIP)
102°C/W
θJA (TO-99)
150°C/W
θJC (TO-99)
35°C/W
Temperature Range
TMIN ≤ TA ≤ TMAX
–40°C
≤ TA ≤ 85°C
Supply Voltage Range
±2.5V
≤ VS ≤ ± 17V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For enusred
specifications and test conditions, see Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Amplifier output connected to GND, any number of amplifiers within a package.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage and then
discharged directly into the IC with no external series resistor (resistance of discharge path must be under 50
Ω).
ELECTRICAL CHARACTERISTICS FOR THE LME49720
(1) (2)
The following specifications apply for VS = ±15V, RL = 2kΩ, fIN = 1kHz, and TA = 25°C, unless otherwise specified.
LME49720
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limit (4)
AV = 1, VOUT = 3Vrms
THD+N
Total Harmonic Distortion + Noise
RL = 2kΩ
0.00003
% (max)
RL = 600Ω
0.00003
0.00009
AV = 1, VOUT = 3VRMS
IMD
Intermodulation Distortion
0.00005
%
Two-tone, 60Hz & 7kHz 4:1
GBWP
Gain Bandwidth Product
55
45
MHz (min)
SR
Slew Rate
±20
±15
V/
μs (min)
VOUT = 1VP-P, –3dB
FPBW
Full Power Bandwidth
referenced to output magnitude
10
MHz
at f = 1kHz
AV = –1, 10V step, CL = 100pF
ts
Settling time
1.2
μs
0.1% error range
Equivalent Input Noise Voltage
fBW = 20Hz to 20kHz
0.34
0.65
μVRMS
(max)
en
f = 1kHz
2.7
4.7
nV/
√Hz
Equivalent Input Noise Density
f = 10Hz
6.4
(max)
f = 1kHz
1.6
in
Current Noise Density
pA/
√Hz
f = 10Hz
3.1
VOS
Offset Voltage
±0.1
±0.7
mV (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For enusred
specifications and test conditions, see Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(3)
Typical specifications are specified at +25ºC and represent the most likely parametric norm.
(4)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com