Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 4Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 5Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 6Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 7Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 8Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 9Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 10Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 11Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1
OUTPUT VOLTAGE (V)
10
2
5
0.00001
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
100m 200m 500m
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000007
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000007
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
LME49720
SNAS393C – MARCH 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Frequency
THD+N vs Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
RL = 10kΩ
RL = 10kΩ
Figure 22.
Figure 23.
THD+N vs Frequency
IMD vs Output Voltage
VCC = 17V, VEE = –17V, VOUT = 3VRMS
VCC = 15V, VEE = –15V
RL = 10kΩ
RL = 2kΩ
Figure 24.
Figure 25.
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 12V, VEE = –12V
VCC = 2.5V, VEE = –2.5V
RL = 2kΩ
RL = 2kΩ
Figure 26.
Figure 27.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com