Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 19Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 20Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 21Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 22Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 23Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 24Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 25Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 26Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Distortion Signal Gain = 1+(R2/R1)
+
-
LME49720
1000:
R1
10:
R2
Analyzer Input
Audio Precision
System Two
Cascade
Generator Output
Actual Distortion = AP Value/100
LME49720
www.ti.com
SNAS393C – MARCH 2007 – REVISED APRIL 2013
APPLICATION INFORMATION
DISTORTION MEASUREMENTS
The vanishingly low residual distortion produced by LME49720 is below the capabilities of all commercially
available equipment. This makes distortion measurements just slightly more difficult than simply connecting a
distortion meter to the amplifier’s inputs and outputs. The solution, however, is quite simple: an additional
resistor. Adding this resistor extends the resolution of the distortion measurement equipment.
The LME49720’s low residual distortion is an input referred internal error. As shown in Figure 110, adding the
10
Ω resistor connected between the amplifier’s inverting and non-inverting inputs changes the amplifier’s noise
gain. The result is that the error signal (distortion) is amplified by a factor of 101. Although the amplifier’s closed-
loop gain is unaltered, the feedback available to correct distortion errors is reduced by 101, which means that
measurement resolution increases by 101. To ensure minimum effects on distortion measurements, keep the
value of R1 low as shown in Figure 110.
This technique is verified by duplicating the measurements with high closed loop gain and/or making the
measurements at high frequencies. Doing so produces distortion components that are within the measurement
equipment’s capabilities. This datasheet’s THD+N and IMD values were generated using the above described
circuit connected to an Audio Precision System Two Cascade.
Figure 110. THD+N and IMD Distortion Test Circuit
The LME49720 is a high speed op amp with excellent phase margin and stability. Capacitive loads up to 100pF
will cause little change in the phase characteristics of the amplifiers and are therefore allowable.
Capacitive loads greater than 100pF must be isolated from the output. The most straightforward way to do this is
to put a resistor in series with the output. This resistor will also prevent excess power dissipation if the output is
accidentally shorted.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com