Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 18Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 19Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 20Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 21Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 22Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 23Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 24Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 25Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
1
': 0.00s
@: -1.01 Ps
': 0.00V
@: -80.0 mV
M 200 ns A Ch1
2.00 mV
50.40%
Ch1 50.0 mV
1
': 0.00s
@: -1.01 Ps
': 0.00V
@: -80.0 mV
M 200 ns A Ch1
2.00 mV
50.40%
Ch1 50.0 mV
100
10000
10000000
100000000
100000
1000
10
FREQUENCY (Hz)
1000000
180
-20
20
80
140
120
60
40
0
100
160
100
10k
10M 100M
100k
1k
10
FREQUENCY (Hz)
1M
2
-18
-14
-8
-2
-4
-10
-12
-16
-6
0
1
0 dB = 1 VP-P
LME49720
SNAS393C – MARCH 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Full Power Bandwidth vs Frequency
Gain Phase vs Frequency
Figure 106.
Figure 107.
Small-Signal Transient Response
Small-Signal Transient Response
AV = 1, CL = 10pF
AV = 1, CL = 100pF
Figure 108.
Figure 109.
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com