Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 17Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 18Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 19Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 20Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 21Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 22Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 23Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 24Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
8.0
8.5
9.0
9.5
10.0
10.5
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
8.0
8.5
9.0
9.5
10.0
10.5
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
4
6
8
10
12
14
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
2
0
8.0
8.5
9.0
9.5
10.0
10.5
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
4
6
8
10
12
14
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
2
0
2
4
6
8
10
12
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
0
LME49720
www.ti.com
SNAS393C – MARCH 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Voltage vs Supply Voltage
Output Voltage vs Supply Voltage
RL = 2kΩ, THD+N = 1%
RL = 600Ω, THD+N = 1%
Figure 100.
Figure 101.
Output Voltage vs Supply Voltage
Supply Current vs Supply Voltage
RL = 10kΩ, THD+N = 1%
RL = 2kΩ
Figure 102.
Figure 103.
Supply Current vs Supply Voltage
Supply Current vs Supply Voltage
RL = 600Ω
RL = 10kΩ
Figure 104.
Figure 105.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com