Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 2Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 3Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 4Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 5Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 6Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 7Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 8Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 9Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
100m
2
500m
1
0.00001
0.01
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
10
5
200m
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
10m
1
20
100m
10
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
100m
2
500m
1
0.00001
0.01
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
10
5
200m
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
LME49720
SNAS393C – MARCH 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Output Voltage
THD+N vs Output Voltage
VCC = 17V, VEE = –17V
VCC = 2.5V, VEE = –2.5V
RL = 600Ω
RL = 600Ω
Figure 10.
Figure 11.
THD+N vs Output Voltage
THD+N vs Output Voltage
VCC = 15V, VEE = –15V
VCC = 12V, VEE = –12V
RL = 10kΩ
RL = 10kΩ
Figure 12.
Figure 13.
THD+N vs Output Voltage
THD+N vs Output Voltage
VCC = 17V, VEE = –17V
VCC = 2.5V, VEE = –2.5V
RL = 10kΩ
RL = 10kΩ
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com