Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101RF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F101RF
Description  XL-density access line, ARM-based 32-bit MCU with 768 KB to 1 MB Flash, 15 timers, 1 ADC and 10 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F101RF Datasheet HTML 7Page - STMicroelectronics STM32F101RF Datasheet HTML 8Page - STMicroelectronics STM32F101RF Datasheet HTML 9Page - STMicroelectronics STM32F101RF Datasheet HTML 10Page - STMicroelectronics STM32F101RF Datasheet HTML 11Page - STMicroelectronics STM32F101RF Datasheet HTML 12Page - STMicroelectronics STM32F101RF Datasheet HTML 13Page - STMicroelectronics STM32F101RF Datasheet HTML 14Page - STMicroelectronics STM32F101RF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
STM32F101xF, STM32F101xG
Description
Doc ID 17143 Rev 2
11/108
2.1
Device overview
The STM32F101xx XL-density access line family offers devices in 3 different package types:
from 64 pins to 144 pins. Depending on the device chosen, different sets of peripherals are
included, the description below gives an overview of the complete range of peripherals
proposed in this family.
●
Figure 1 shows the general block diagram of the device family.
Table 2.
STM32F101xF and STM32F101xG features and peripheral counts
Peripherals
STM32F101Rx
STM32F101Vx
STM32F101Zx
Flash memory
768 KB
1 MB
768 KB
1 MB
768 KB
1 MB
SRAM in Kbytes
80
80
80
FSMC
No
Yes
Yes
Timers
General-purpose
10
Basic
2
Communication
interfaces
SPI
3
I2C2
USART
5
GPIOs
51
80
112
12-bit ADC
Number of channels
2
16
2
16
2
16
12-bit DAC
Number of channels
2
2
CPU frequency
36 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperature: –40 to +85 °C (see Table 10)
Junction temperature: –40 to +105 °C (see Table 10)
Package
LQFP64
LQFP100(1)
1.
For the LQFP100 package, only FSMC Bank1 and Bank2 are available. Bank1 can only support a
multiplexed NOR/PSRAM memory using the NE1 Chip Select. Bank2 can only support a 16- or 8-bit NAND
Flash memory using the NCE2 Chip Select. The interrupt line cannot be used since Port G is not available
in this package.
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com