Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2501IRCPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK2501IRCPR Datasheet HTML 12Page - Texas Instruments TLK2501IRCPR Datasheet HTML 13Page - Texas Instruments TLK2501IRCPR Datasheet HTML 14Page - Texas Instruments TLK2501IRCPR Datasheet HTML 15Page - Texas Instruments TLK2501IRCPR Datasheet HTML 16Page - Texas Instruments TLK2501IRCPR Datasheet HTML 17Page - Texas Instruments TLK2501IRCPR Datasheet HTML 18Page - Texas Instruments TLK2501IRCPR Datasheet HTML 19Page - Texas Instruments TLK2501IRCPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TTL output switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = −1 mA,
VDD = MIN
2.10
2.3
V
VOL
Low-level output voltage
IOL = 1 mA,
VDD = MIN
GND
0.25
0.5
V
tr(slew)
Slew rate (rising), magnitude of
RX_CLK, RX_ER, RX_DV/LOS, RXD
0.8 V to 2 V,
C = 5 pF, See Figure 11
0.5
V/ns
tf(slew)
Slew rate (falling), magnitude of
RX_CLK, RX_ER, RX_DV/LOS, RXD
0.8 V to 2 V,
C = 5 pF, See Figure 11
0.5
V/ns
RXD, RX_DV/LOS, RX_ER
50% voltage swing,
GTX_CLK = 125 MHz
3
tsu
RXD, RX_DV/LOS, RX_ER
setup to
↑ RX_CLK
50% voltage swing,
See Figure 11
GTX_CLK = 100 MHz
4
ns
tsu
setup to
↑ RX_CLK
See Figure 11
GTX_CLK = 75 MHz
5.4
ns
RXD, RX_DV/LOS, RX_ER
50% voltage swing,
GTX_CLK = 125 MHz
3
th
RXD, RX_DV/LOS, RX_ER
hold to
↑ RX_CLK
50% voltage swing,
See Figure 11
GTX_CLK = 100 MHz
4
ns
th
hold to
↑ RX_CLK
See Figure 11
GTX_CLK = 75 MHz
5.4
ns
RXD(0−15)
2.0 V
0.8 V
2.0 V
0.8 V
RX_CLK
RX_DV, RX_ER,
tsu
th
tf(slew)
tr(slew)
0 V
2.7 V
0 V
tr(slew)
tf(slew)
2.7 V
Figure 11. TTL Data Output Valid Levels for AC Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com